Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440SP Datasheet(PDF) 83 Page - Applied Micro Circuits Corporation

Part # 440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440SP Datasheet(HTML) 83 Page - Applied Micro Circuits Corporation

Back Button 440SP Datasheet HTML 77Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 78Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 79Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 80Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 81Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 82Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 83Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 84Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 85Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 83 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
83
Data Sheet
Initialization
The PPC440SP provides an option for setting initial parameters based on default values or by reading them from a
serial “bootstrap” ROM attached to the IIC0 bus. These options are defined by strapping on three external pins
(see “Strapping” below).
Strapping
While the SysReset input pin is low (system reset), the state of certain I/O pins is read to enable certain default
initial conditions prior to PPC440SP start-up. The actual capture instant is the nearest SysClk edge before the
deassertion of reset. These pins must be strapped using external pull-up (logical 1) or pull-down (logical 0)
resistors to select the desired default conditions. They are used for strap functions only during reset. Following
reset they are used for normal functions.
Figure 21 lists the strapping pins along with their functions and strapping options:
Serial Bootstrap ROM
During reset, if the serial device is enabled, initial conditions can be read from a ROM connected to the IIC0 port. In
this case, at the de-assertion of SysReset, the PPC440SP sequentially reads up to 32 bytes from the ROM device
on the IIC0 port and sets the SDR0_SDSTP0 - SDR0_SDSTP7 registers accordingly.
The initialization settings and their default values are described in detail in the PPC440SP Embedded Processor
User’s Manual.
Table 21. Strapping Pin Assignments
Function
Option
Pin Strapping
Bit 0
A08
(UART0_DCD)
Bit 1
C11
(UART0_DSR)
Bit2
C09
(UART0_CTS)
Serial Bootstrap ROM is disabled (Bit 0 off).
Refer to the IIC Bootstrap Controller chapter in the
PPC440SP Embedded Processor User’s Manual
for details.
Boot from EBC
0
0
Boot from PCI
0
1
Serial Bootstrap ROM is enabled (Bit 0 on).
The options being selected are the IIC0 slave
address that responds with strapping data and
reading 128 bits from the Bootstrap ROM.
0x54
1
0
0
0x50
1
1
0
Serial Bootstrap ROM is enabled (Bit 0 on).
The options being selected are the IIC0 slave
address that responds with strapping data and
reading 256 bits from the Bootstrap ROM.
0x54
1
0
1
0x50
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com