Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R34 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT45R34
Description  C/R to F Type 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R34 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT45R34 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
HT45R34
Rev. 1.20
9
October 15, 2007
abled, the stack is not full, and the external interrupt is
active, a subroutine call to location
²04H² or ²08H² will
occur. The interrupt request flags, EIF0 or EIF1, and the
EMI bit will all be cleared to disable other interrupts.
The internal Timer/Event Counter interrupt is initialised
by setting the Timer/Event Counter interrupt request
flag, TF; bit 6 in INTC0. A timer interrupt will be gener-
ated when the timer overflows. After the interrupt is en-
abled, and the stack is not full, and the TF bit is set, a
subroutine call to location
²0CH² will occur. The related
interrupt request flag, TF, is reset, and the EMI bit is
cleared to disable other interrupts.
The external RC oscillation converter interrupt is initial-
ized by setting the external RC oscillation converter in-
terrupt request flag, RCOCF; bit 4 of INTC1. This is
caused by a Timer A or Timer B overflow. When the in-
terrupt is enabled, and the stack is not full and the
RCOCF bit is set, a subroutine call to location
²10H² will
occur. The related interrupt request flag, RCOCF, will be
reset and the EMI bit cleared to disable further inter-
rupts.
During the execution of an interrupt subroutine, other in-
terrupt acknowledgments are held until the
²RETI² in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1, if the stack is not full. To
return from the interrupt subroutine, a
²RET² or ²RETI²
instruction may be invoked. RETI will set the EMI bit to
enable an interrupt service, but RET will not.
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
External Interrupt 0
1
04H
External Interrupt 1
2
08H
Timer/Event Counter Overflow
3
0CH
External RC Oscillation
Converter Interrupt
4
10H
Interrupt Priority
The EMI, EEI0, EEI1, ETI and ERCOCI bits are all used
to control the enable/disable status of interrupts. These
bits prevent the requested interrupt from being serviced.
Once the interrupt request flags, TF, RCOCF, EIF1 and
EIF0, are all set, they remain in the INTC1 or INTC0 reg-
isters respectively until the interrupts are serviced or
cleared by a software instruction.
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. Inter-
rupts often occur in an unpredictable manner or need to
be serviced immediately in some applications. If only one
stack is left and enabling the interrupt is not well con-
trolled, the original control sequence may be damaged
once the
²CALL² is executed in the interrupt subroutine.
Bit No.
Label
Function
0
EMI
Controls the master (global) interrupt (1= enabled; 0= disabled)
1
EEI0
Controls the external interrupt 0 (1= enabled; 0= disabled)
2
EEI1
Controls the external interrupt 1 (1= enabled; 0= disabled)
3
ETI
Controls the Timer/Event Counter interrupt (1= enabled; 0= disabled)
4
EIF0
External interrupt 0 request flag (1= active; 0= inactive)
5
EIF1
External interrupt 1 request flag (1= active; 0= inactive)
6
TF
Internal Timer/Event Counter request flag (1= active; 0= inactive)
7
¾
Unused bit, read as
²0²
INTC0 (0BH) Register
Bit No.
Label
Function
0
ERCOCI Controls the external RC oscillation converter interrupt (1= enabled; 0= disabled)
1~3, 5~7
¾
Unused bit, read as
²0²
4
RCOCF
External RC oscillation converter request flag (1= active; 0= inactive)
INTC1 (1EH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com