Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R34 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT45R34
Description  C/R to F Type 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R34 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT45R34 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
HT45R34
Rev. 1.20
18
October 15, 2007
V D D
P A 0 ~ P A 7
M
U
X
O P 0 ~ O P 7
T M R f o r P A 2 o n l y
I N T 0 f o r P A 0 o n l y
I N T 1 f o r P A 1 o n l y
S y s t e m W a k e - u p
( P A o n l y )
R e a d D a t a R e g i s t e r
C o n t r o l B i t
P u l l - h i g h
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
D
Q
C K
S
Q
D
Q
C K
S
Q
Input/Output Ports
Input/Output Ports
There are 8 bidirectional input/output lines in the
microcontroller, all located within port PA. All of these I/O
ports can be used for input and output operations. For
input operation, these ports are non-latching, that is, the
inputs must be ready at the T2 rising edge of the
²MOV
A,[m]
² instruction. For output operation, all the data is
latched and remains unchanged until the output latch is re-
written.
Each I/O line has its own control register, known as
PAC, to control the input/output configuration. With this
control register, the pin status is either a CMOS output
or a Schmitt trigger input, but can be reconfigured dy-
namically, under software control. To function as an in-
put, the corresponding bit in the control register must be
written with a
²1². The input source also depends on the
control register. If the control register bit is
²1², the input will
read the pad state. If the control register bit is
²0², the con-
tents of the latches will move to the internal bus. The latter
is possible in the read-modify-write instruction.
When setup as an output the output types are CMOS.
After a device reset, the I/O ports will be initially all setup
as inputs, and will therefore be in a high state if the
configuration options have selected pull-high resistors,
otherwise they will be in a floating condition. Each bit of
these input/output latches can be set or cleared by the
²SET [m].i² and ²CLR [m].i² instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of port A has the capability of waking-up the de-
vice.
Each line of port A has a pull-high option. Once the
pull-high option is selected, the I/O line will have a
pull-high resistor connected. Otherwise, the pull-high re-
sistors are absent. It should be noted that a
non-pull-high I/O line operating in an input mode will be
in a floating state.
The PA0, PA1 and PA2 are pin-shared with INT0, INT1
and TMR pins, respectively.
It is recommended that unused or not bonded out I/O
lines should be set as output pins using software in-
struction to avoid consuming power under input floating
state.
Low Voltage Reset
- LVR
The microcontroller provides a low voltage reset circuit
in order to monitor the supply voltage of the device. If the
supply voltage of the device is within the range
0.9V~VLVR, such as when changing a battery, the LVR
will automatically reset the device internally.
The LVR includes the following specifications:
· The low voltage (0.9V~V
LVR) has to remain in its origi-
nal state for longer than tLVR. If the low voltage state
does not exceed tLVR, the LVR will ignore it and will not
perform a reset function.
· The LVR uses an
²OR² function with the external RES
signal to perform a chip reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com