Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R34 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT45R34
Description  C/R to F Type 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R34 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT45R34 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Pin Description
Pin Name
I/O
Options
Description
PA0/INT0
PA1/INT1
PA2/TMR
PA3~PA7
I/O
Pull-high*
Wake-up
Bidirectional 8-bit I/O port. Each pin can be configured as a wake-up input via con-
figuration options. Software instructions determine if the pin is a CMOS output or
Schmitt trigger input. Pull-high resistors can be added to the each pin via a configu-
ration option.
Pins PA0 and PA1 are pin-shared with external interrupt input pins INT0 and INT1,
respectively. Configuration options determine the interrupt enable/disable and the
interrupt low/high trigger type. Pins PA2 is pin-shared with the external timer input
pins TMR.
RC1~RC12
I
¾
Capacitor or resistor connection pins
RCOUT
I
¾
Capacitor or resistor connection pin to RC OSC
IN
I
¾
Oscillation input pin
RREF
O
¾
Reference resistor connection pin
CREF
O
¾
Reference capacitor connection pin
RES
I
¾
Schmitt trigger reset input. Active low
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
OSC1
OSC2
I
O
Crystal or RC
OSC1, OSC2 are connected to an RC network or Crystal determined by a configu-
ration option, for the internal system clock. In the case of the RC oscillator, OSC2
can be used to monitor the system clock. Its frequency is 1/4 system clock.
Note: *All pull-high resistors are controlled by an option bit.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................300mA
IOH Total............................................................
-200mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
fSYS=8MHz
3.3
¾
5.5
V
IDD1
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=4MHz
¾
12
mA
5V
¾
35
mA
IDD2
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=8MHz
¾
48
mA
ISTB1
Standby Current (WDT Enabled)
3V
No load, system HALT
¾¾
5
mA
5V
¾¾
10
mA
HT45R34
Rev. 1.20
3
October 15, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com