Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R34 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT45R34
Description  C/R to F Type 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R34 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT45R34 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Application Circuits
R to F Application Circuit
C to F Application Circuit 1
HT45R34
Rev. 1.20
20
October 15, 2007
H T 4 5 R 3 4
O S C 1
O S C 2
R 1
C 1
C 2
R C S y s t e m O s c i l l a t o r
2 4 k W < R O S C < 1 M W
V D D
R O S C
f S Y S / 4
O S C 1
O S C 2
4 7 0 p F
O S C C i r c u i t
P A 0 / I N T 0
P A 1 / I N T 1
P A 2 / T M R
P A 3 ~ P A 7
R C O U T
I N
R R E F
C R E F
* C
R s e n s o r 1
R s e n s o r 2
R C 1
R C 2
R C 1 2
R s e n s o r 1 2
* R
R E S
0 . 1 m F
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t
O S C 1
O S C 2
O S C
C i r c u i t
C r y s t a l / R e s o n a t o r
S y s t e m O s c i l l a t o r
F o r R 1 , C 1 , C 2 s e e n o t e
H T 4 5 R 3 4
O S C 1
O S C 2
R 1
C 1
C 2
R C S y s t e m O s c i l l a t o r
2 4 k W < R O S C < 1 M W
V D D
R O S C
f S Y S / 4
O S C 1
O S C 2
4 7 0 p F
O S C C i r c u i t
P A 0 / I N T 0
P A 1 / I N T 1
P A 2 / T M R
P A 3 ~ P A 7
R C O U T
I N
C R E F
R R E F
* R
C s e n s o r 1
C s e n s o r 2
R C 1
R C 2
R C 1 2
C s e n s o r 1 2
* C
C r y s t a l / R e s o n a t o r
S y s t e m O s c i l l a t o r
F o r R 1 , C 1 , C 2 s e e n o t e
R E S
0 . 1 m F
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t
O S C 1
O S C 2
O S C
C i r c u i t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com