Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R34 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT45R34
Description  C/R to F Type 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R34 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT45R34 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
HT45R34
Rev. 1.20
19
October 15, 2007
The relationship between VDD and VLVR is shown below.
Note:
VOPR is the voltage range for proper chip operation at 4MHz system clock.
5 . 5 V
3 . 0 V
2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note:
*1: To make sure that the system oscillator has stabilized, the SST provides an extra delay of 1024 system
clock pulses before starting the normal operation.
*2: Since low voltage has to be maintained its original state for longer than tLVR, therefore a tLVR delay enters
the reset mode.
Options
The following table shows the various options within the microcontroller. All of the options must be defined to ensure
proper system functioning.
No.
Function
Description
1
Wake up PA0~PA7 (bit option)
None wake-up or wake-up
2
Pull high PA0~PA7 (bit option)
None pull-high or pull-high
3
WDT clock source
WDTOSC or fSYS/4
4
WDT
Enable or disable
5
CLRWDT
1 or 2 instructions
6
LVR
Enable or disable
7
OSC
X
¢tal mode or RC mode
8
INT0 trigger edge
Disable, rising edge, falling edge or double edge
9
INT1 trigger edge
Disable, rising edge, falling edge or double edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com