Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R34 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45R34
Description  C/R to F Type 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R34 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45R34 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
HT45R34
Rev. 1.20
13
October 15, 2007
Timer/Event Counter
An 8-bit timer/event counter, known as Timer/Event
Counter, is implemented in the microcontroller. The
Timer/Event Counter contains an 8-bit programmable
count-up counter whose clock may come from an exter-
nal source or from the system clock. Using the external
clock input allows the user to count external events, mea-
sure time internals or pulse widths, or generate an accu-
rate time base. Using the internal clock allows the user to
generate an accurate time base.
There are 2 registers related to the Timer/Event Coun-
ter, TMR and TMRC. Two physical registers are mapped
to the TMR location; writing to TMR places the start
value of the Timer/Event Counter in a preload register
while reading TMR retrieves the contents of the
Timer/Event Counter. The TMRC is a timer/event coun-
ter control register, which defines the timer operating
conditions.
Register
Reset
(Power-on)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)*
TMRC
00-0 1000
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
ASCR
---1 1111
---1 1111
---1 1111
---1 1111
---u uuuu
INTC1
---0 ---0
---0 ---0
---0 ---0
---0 ---0
---u ---u
TMRAH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRAL
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
RCOCCR
0000 1---
0000 1---
0000 1---
0000 1---
uuuu u---
TMRBH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRBL
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
RCOCR
1xxx --00
1xxx --00
1xxx --00
1xxx --00
uuuu --uu
Note:
²*² means ²warm reset²
²u² means ²unchanged²
²x² means ²unknown²
Bit No.
Label
Function
0~2
TPSC0~TPSC2
To define the prescaler stages, TPSC2, TPSC1, TPSC0=
000: fINT=fSYS
001: fINT=fSYS/2
010: fINT=fSYS/4
011: fINT=fSYS/8
100: fINT=fSYS/16
101: fINT=fSYS/32
110: fINT=fSYS/64
111: fINT=fSYS/128
3TE
To define the TMR active edge of the timer/event counter
(0=active on low to high; 1=active on high to low)
4
TON
To enable or disable timer counting (0=disabled; 1=enabled)
5
¾
Unused bit, read as
²0²
6
7
TM0
TM1
To define the operating mode, TM1, TM0=
01=Event count mode (external clock)
10=Timer mode (internal clock)
11=Pulse width measurement mode
00=Unused
TMRC (0EH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com