Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109BSTR Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1109BSTR
Description  Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109BSTR Datasheet(HTML) 4 Page - Semtech Corporation

  SC1109BSTR Datasheet HTML 1Page - Semtech Corporation SC1109BSTR Datasheet HTML 2Page - Semtech Corporation SC1109BSTR Datasheet HTML 3Page - Semtech Corporation SC1109BSTR Datasheet HTML 4Page - Semtech Corporation SC1109BSTR Datasheet HTML 5Page - Semtech Corporation SC1109BSTR Datasheet HTML 6Page - Semtech Corporation SC1109BSTR Datasheet HTML 7Page - Semtech Corporation SC1109BSTR Datasheet HTML 8Page - Semtech Corporation SC1109BSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1109
Pin Configuration
Ordering Information
Pin Descriptions
r
e
b
m
u
N
t
r
a
P
)
1
(
e
g
a
k
c
a
P
r
a
e
n
i
L
e
g
a
t
l
o
V
M
W
P
y
c
n
e
u
q
e
r
F
r
e
v
O
t
e
s
t
n
e
r
r
u
C
p
m
e
T
T
(
e
g
n
a
R
J)
R
T
S
C
A
9
0
1
1
C
S6
1
-
O
SV
5
.
1
/
V
8
.
1z
H
k
0
0
2l
a
n
r
e
t
n
IC
°
5
2
1
o
t
°
0
R
T
S
B
9
0
1
1
C
S6
1
-
O
SV
5
.
1
/
V
8
.
1z
H
k
0
0
5l
a
n
r
e
t
n
IC
°
5
2
1
o
t
°
0
R
T
S
C
9
0
1
1
C
S6
1
-
O
SV
5
.
1
/
V
8
.
1z
H
k
0
0
2l
a
n
r
e
t
x
EC
°
5
2
1
o
t
°
0
B
V
E
9
0
1
1
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Note:
(1) Only available in tape and reel
packaging. A reel contains 2500 devices.
Top View
(SC1109A/B)
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
11
S
O
D
L.
1
O
D
L
r
o
f
t
u
p
n
I
e
s
n
e
S
21
E
T
A
G.
)
V
8
.
1
(
1
O
D
L
t
u
p
t
u
O
e
v
ir
D
e
t
a
G
3Y
B
T
S
.
s
r
e
ll
o
r
t
n
o
c
T
E
F
d
n
a
r
o
t
a
ll
i
c
s
O
,
p
m
u
P
e
g
r
a
h
C
,f
e
R
r
o
f
r
e
w
o
p
s
e
il
p
p
u
s
,t
u
p
n
I
y
b
d
n
a
t
S
V
5
.t
s
a
l
ff
o
d
e
h
c
ti
w
s
d
n
a
s
e
g
a
tl
o
v
r
e
h
t
o
o
t
r
o
ir
p
t
n
e
s
e
r
p
e
b
d
l
u
o
h
S
4+
P
A
C
B.r
o
ti
c
a
p
a
C
t
s
o
o
B
o
t
n
o
it
c
e
n
n
o
C
e
v
it
i
s
o
P
5-
P
A
C
B.r
o
ti
c
a
p
a
C
t
s
o
o
B
o
t
n
o
it
c
e
n
n
o
C
e
v
it
a
g
e
N
6D
N
G.
d
n
u
o
r
G
7E
S
A
H
P.
e
d
o
N
e
s
a
h
P
8L
D.t
u
p
t
u
O
r
e
v
ir
D
e
d
i
S
w
o
L
9H
D.t
u
p
t
u
O
r
e
v
ir
D
e
d
i
S
h
g
i
H
0
1T
S
B.t
u
p
n
I
t
s
o
o
B
1
1C
C
V.t
u
p
n
I
y
l
p
p
u
S
r
e
w
o
P
2
1D
G
R
W
P
.
)
B
9
0
1
1
C
S
d
n
a
,
A
9
0
1
1
C
S
(
t
u
p
t
u
O
V
2
.
1
r
o
f
g
a
l
F
d
o
o
G
r
e
w
o
P
r
o
t
c
e
l
o
C
n
e
p
O
T
E
S
C
O
ll
i
w
y
l
p
p
u
s
s
t'
e
f
s
o
M
e
h
t
o
t
r
o
t
s
i
s
e
r
A
.
)
C
9
0
1
1
C
S
(
M
W
P
e
h
t
r
o
f
n
i
p
t
e
s
t
n
e
r
r
u
c
r
e
v
O
.l
e
v
e
l
t
n
e
r
r
u
c
r
e
v
o
e
h
t
m
a
r
g
o
r
p
3
1E
S
N
E
S
O
V.t
u
p
t
u
O
V
2
.
1
r
o
f
t
u
p
n
I
e
s
n
e
S
t
u
p
t
u
O
4
1N
E
/
S
S.
e
l
b
a
n
E
/t
r
a
t
S
tf
o
S
5
12
E
T
A
G.
)
V
5
.
1
(
2
O
D
L
t
u
p
t
u
o
e
v
ir
D
e
t
a
G
6
12
S
O
D
L.
2
O
D
L
r
o
f
t
u
p
n
I
e
s
n
e
S
GATE1
LDOS1
STBY
BCAP+
BCAP-
GND
PHASE
DH
LDOS2
GATE2
SS/EN
PWRGD
VOSENSE
VCC
BST
DL
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
(SC1109C)
GATE1
LDOS1
STBY
BCAP+
BCAP-
GND
PHASE
DH
LDOS2
GATE2
SS/EN
OCSET
VOSENSE
VCC
BST
DL
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com