Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109BSTR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1109BSTR
Description  Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109BSTR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1109BSTR Datasheet HTML 6Page - Semtech Corporation SC1109BSTR Datasheet HTML 7Page - Semtech Corporation SC1109BSTR Datasheet HTML 8Page - Semtech Corporation SC1109BSTR Datasheet HTML 9Page - Semtech Corporation SC1109BSTR Datasheet HTML 10Page - Semtech Corporation SC1109BSTR Datasheet HTML 11Page - Semtech Corporation SC1109BSTR Datasheet HTML 12Page - Semtech Corporation SC1109BSTR Datasheet HTML 13Page - Semtech Corporation SC1109BSTR Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1109
COMPONENT SELECTION
SWITCHING SECTION
OUTPUT CAPACITORS - Selection begins with the most
critical component. Because of fast transient load cur-
rent requirements in modern microprocessor core sup-
plies, the output capacitors must supply all transient load
current requirements until the current in the output in-
ductor ramps up to the new level. Output capacitor ESR
is therefore one of the most important criteria. The maxi-
mum ESR can be simply calculated from:
step
current
Transient
excursion
voltage
transient
Maximum
Where
=
=
≤
t
t
t
t
ESR
I
V
I
V
R
For example, to meet a 100mV transient limit with a 10A
load step, the output capacitor ESR must be less than
10m
Ω. To meet this kind of ESR level, there are three
available capacitor technologies.
y
g
o
l
o
n
h
c
e
T
h
c
a
E
r
o
ti
c
a
p
a
C
y
t
Q
.
d
q
R
l
a
t
o
T
C
)
F
u
(
R
S
E
m
(
Ω)
C
)
F
u
(
R
S
E
m
(
Ω)
m
u
l
a
t
n
a
T
R
S
E
w
o
L0
3
30
66
0
0
0
20
1
N
O
C
-
S
O0
3
35
23
0
9
93
.
8
m
u
n
i
m
u
l
A
R
S
E
w
o
L0
0
5
14
45
0
0
5
78
.
8
The choice of which to use is simply a cost/performance
issue, with Low ESR Aluminum being the cheapest, but
taking up the most space.
INDUCTOR - Having decided on a suitable type and value
of output capacitor, the maximum allowable value of in-
ductor can be calculated. Too large an inductor will pro-
duce a slow current ramp rate and will cause the output
capacitor to supply more of the transient load current
for longer - leading to an output voltage sag below the
ESR excursion calculated above.
The maximum inductor value may be calculated from:
()
O
IN
t
ESR
V
V
I
C
R
L
−
≤
The calculated maximum inductor value assumes 100%
duty cycle, so some allowance must be made. Choosing
an inductor value of 50 to 75% of the calculated maxi-
mum will guarantee that the inductor current will ramp
fast enough to reduce the voltage dropped across the
ESR at a faster rate than the capacitor sags, hence en-
suring a good recovery from transient with no additional
excursions. We must also be concerned with ripple cur-
rent in the output inductor and a general rule of thumb
has been to allow 10% of maximum output current as
ripple current. Note that most of the output voltage ripple
is produced by the inductor ripple current flowing in the
output capacitor ESR. Ripple current can be calculated
from:
OSC
IN
L
f
L
4
V
I
RIPPLE
⋅
⋅
=
Ripple current allowance will define the minimum permit-
ted inductor value.
POWER FETS - The FETs are chosen based on several
criteria with probably the most important being power
dissipation and power handling capability.
TOP FET - The power dissipation in the top FET is a com-
bination of conduction losses, switching losses and bot-
tom FET body diode recovery losses.
a) Conduction losses are simply calculated as:
IN
O
)
on
(
DS
2
O
COND
V
V
R
I
P
≈
⋅
⋅
=
cycle
duty
=
where
δ
δ
b) Switching losses can be estimated by assuming a
switching time, if we assume 100ns then:
3
IN
O
SW
10
V
I
P
−
⋅
⋅
=
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com