Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109BSTR Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1109BSTR
Description  Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109BSTR Datasheet(HTML) 3 Page - Semtech Corporation

  SC1109BSTR Datasheet HTML 1Page - Semtech Corporation SC1109BSTR Datasheet HTML 2Page - Semtech Corporation SC1109BSTR Datasheet HTML 3Page - Semtech Corporation SC1109BSTR Datasheet HTML 4Page - Semtech Corporation SC1109BSTR Datasheet HTML 5Page - Semtech Corporation SC1109BSTR Datasheet HTML 6Page - Semtech Corporation SC1109BSTR Datasheet HTML 7Page - Semtech Corporation SC1109BSTR Datasheet HTML 8Page - Semtech Corporation SC1109BSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1109
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CN
I
MP
Y
TX
A
MS
T
I
N
U
s
r
e
v
i
r
D
l
a
n
r
e
t
n
I
t
n
e
r
r
u
C
e
c
r
u
o
S
H
D
k
a
e
Pe
c
r
u
o
s
I
H
D
V
5
.
4
=
H
D
-
T
S
B0
0
5A
m
t
n
e
r
r
u
C
k
n
i
S
H
D
k
a
e
Pk
n
i
s
I
H
D
V
1
.
3
=
E
S
A
H
P
-
H
D0
0
5A
m
V
5
.
1
=
E
S
A
H
P
-
H
D0
0
1A
m
t
n
e
r
r
u
C
e
c
r
u
o
S
L
D
k
a
e
Pe
c
r
u
o
s
I
L
D
V
5
.
4
=
L
D
-
C
C
V0
0
5A
m
t
n
e
r
r
u
C
k
n
i
S
L
D
k
a
e
Pk
n
i
s
I
L
D
V
1
.
3
=
D
N
G
-
L
D0
0
5A
m
V
5
.
1
=
D
N
G
-
L
D0
0
1A
m
e
m
it
d
a
e
DT
D
A
E
D
0
40
0
1s
n
s
n
o
i
t
c
e
S
r
a
e
n
i
L
e
g
a
tl
o
V
y
b
d
n
a
t
SV
Y
B
T
S
4
.
45
5
2
.
5V
t
n
e
r
r
u
c
t
n
e
c
s
e
i
u
Q
y
b
d
n
a
t
SI
Q
Y
B
D
T
S
V
0
=
N
E
/
S
S
,
V
5
=
Y
B
T
S
V9
A
m
e
c
n
e
r
e
ff
i
D
g
n
i
k
c
a
r
T
)
4
(
)
1
(
a
tl
e
D
K
C
A
R
T
0
0
2V
m
1
O
D
L
e
g
a
tl
o
V
t
u
p
t
u
OV
1
O
D
L
I
O
V
3
.
3
=
n
i
V
,
A
4
o
t
0
=2
8
7
.
18
1
8
.
14
5
8
.
1V
2
O
D
L
e
g
a
tl
o
V
t
u
p
t
u
OV
2
O
D
L
I
O
V
3
.
3
=
n
i
V
,
A
4
o
t
0
=0
7
4
.
10
0
5
.
10
3
5
.
1V
n
o
it
a
l
u
g
e
R
d
a
o
LD
A
O
L
G
E
R
I
O
V
3
.
3
=
n
i
V
,
A
4
o
t
0
=3
.
0%
n
o
it
a
l
u
g
e
R
e
n
i
LE
N
I
L
G
E
R
V
7
4
.
3
o
t
V
3
1
.
3
=
n
i
V
,
A
2
=
o
I3
.
0%
e
c
n
a
d
e
p
m
I
t
u
p
n
I
)
2
,
1
(
S
O
D
L
)
3
(
Z
N
I
0
1k
Ω
)
L
O
A
(
n
i
a
G
)
3
(
N
I
A
G
O
D
L
)
2
,
1
(
E
T
A
G
o
t
)
2
,
1
(
S
O
D
L0
5B
d
Electrical Characteristics (Cont.)
Notes:
(1) All electrical characteristics are for the application circuit on page 16.
(2) Soft start function is performed after Vcc is above the UVLO and SS/EN is above 600mV. The Soft start
capacitor is then charged at a 10uA constant current until SS/EN is charged to above 1V.
(3) Guaranteed by design
(4) Tracking Difference is defined as the delta between 3.3V Vin and the LDO1, LDO2 output voltages during
the linear ramp up until regulation is achieved. The tracking voltage difference might vary depending on
MOSFETs RdS
ON, and load conditions.
(5) This device is ESD sensitive. Use of standard ESD handling precautions is required.
Unless specified: VOSENSE = V
O; Vcc=4.75V to 5.25V; STBY=4.75V to 5.25V; BST = 11.4V to 12.6V; TA = 0 to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com