Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109BSTR Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1109BSTR
Description  Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109BSTR Datasheet(HTML) 1 Page - Semtech Corporation

  SC1109BSTR Datasheet HTML 1Page - Semtech Corporation SC1109BSTR Datasheet HTML 2Page - Semtech Corporation SC1109BSTR Datasheet HTML 3Page - Semtech Corporation SC1109BSTR Datasheet HTML 4Page - Semtech Corporation SC1109BSTR Datasheet HTML 5Page - Semtech Corporation SC1109BSTR Datasheet HTML 6Page - Semtech Corporation SC1109BSTR Datasheet HTML 7Page - Semtech Corporation SC1109BSTR Datasheet HTML 8Page - Semtech Corporation SC1109BSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1109
Synchronous PWM Controller with Dual
Low Dropout Regulator Controllers
Features
Applications
Revision: May 13, 2004
Description
Dual linear controllers
LDOs track input voltage within 200mV (function of
the MOSFETs used) until regulation
Integrated drivers
Power good signal (SC1109A, SC1109B)
Soft start
Lossless current sense
Programmable over current limit (SC1109C)
200kHz (SC1109A, SC1109C), and 500kHz (SC1109B)
fixed frequency.
Pentium® III Motherboards
Triple power supplies
The SC1109 was designed for the latest high speed
motherboards. It combines a synchronous voltage mode
controller (switching section) with two low-dropout linear
regulator controllers. The voltage mode controller pro-
vides the power supply for the system AGTL bus. The Dual
linear controllers power the chip set and clock circuitry.
The SC1109A switching section features lossless current
sensing, while SC1109C provides programmable over cur-
rent limit. SC1109 also utilizes latched driver outputs for
enhanced noise immunity. SC1109A and SC1109C oper-
ate at a fixed frequency of 200kHz, and the SC1109B is
available at a fixed frequency of 500kHz. The VTT output
voltage is internally fixed at 1.2V
The SC1109 linear sections are low dropout regulators
designed to track the 3.3V power supply when it turns on
or off. The voltage for the linear controllers LDO1, and LDO2
are 1.8V/1.5V.
Typical Application Circuit
R2 2.2
+
C7
3x1500uF
C5
0.1uF
Q4
MOSFET N
C6
0.1uF
LDO1 = 1.8V
LDO2 = 1.5V
+
C12
330uF
Q3
MOSFET N
R1 2.2
C9
0.1uF
C3
0.1uF
Q1
MOSFET N
5V STBY
Q2
MOSFET N
VTT
+
C2
2x1500uF
+
C11
330uF
5V IN
+
C10
330uF
U1
SC1109CCSTR
12
5
3
7
6
9
10
13
14
4
11
8
15
2
1
16
OCSET
BCAP-
STBY
PHASE
GND
DH
BST
VOSENSE
SS/EN
BCAP+
VCC
DL
GATE2
GATE1
LDOS1
LDOS2
C8
0.1uF
C1
0.1uF
R3
TBD
L1
4uH
12V IN
3.3V IN
C4
0.1uF
C13
1nF
1.2V 6A
OCSET
C6
0.1uF
Q2
MOSFET N
+
C7
3x1500uF
Q3
MOSFET N
Q1
MOSFET N
C5
0.1uF
+
C11
330uF
U1
SC1109ACSTR or SC1109BCSTR
12
5
3
7
6
9
10
13
14
4
11
8
15
2
1
16
PWRGD
BCAP-
STBY
PHASE
GND
DH
BST
VOSENSE
SS/EN
BCAP+
VCC
DL
GATE2
GATE1
LDOS1
LDOS2
L1 4uH
C1
0.1uF
+
C10
330uF
LDO2 = 1.5V
5V STBY
POWER GOOD
12V IN
C8
0.1uF
+
C12
330uF
+
C2
2x1500uF
C9
0.1uF
LDO1 = 1.8V
3.3V IN
C3
0.1uF
VTT
R2 2.2
1.2V 6A
5V IN
R1 2.2
Q4
MOSFET N
C4
0.1uF


Similar Part No. - SC1109BSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1109 SEMTECH-SC1109 Datasheet
223Kb / 17P
SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
SC1109CSTR SEMTECH-SC1109CSTR Datasheet
223Kb / 17P
SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
SC1109EVB SEMTECH-SC1109EVB Datasheet
223Kb / 17P
SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
More results

Similar Description - SC1109BSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1109 SEMTECH-SC1109 Datasheet
223Kb / 17P
SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
logo
Analog Intergrations Co...
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
Synchronous Buck Controller with Dual Linear Regulator Controllers
REV.0
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
List of Unclassifed Man...
RT9221 ETC-RT9221 Datasheet
158Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Silicon Standard Corp.
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
Dual Synchronous Buck PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com