Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109BSTR Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1109BSTR
Description  Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109BSTR Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1109BSTR Datasheet HTML 3Page - Semtech Corporation SC1109BSTR Datasheet HTML 4Page - Semtech Corporation SC1109BSTR Datasheet HTML 5Page - Semtech Corporation SC1109BSTR Datasheet HTML 6Page - Semtech Corporation SC1109BSTR Datasheet HTML 7Page - Semtech Corporation SC1109BSTR Datasheet HTML 8Page - Semtech Corporation SC1109BSTR Datasheet HTML 9Page - Semtech Corporation SC1109BSTR Datasheet HTML 10Page - Semtech Corporation SC1109BSTR Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1109
An internal comparator with a 200mV reference moni-
tors the Drop across the upper FET, Once the Vdson of
the MOSFET exceeds the 200mV limit, the low side gate
is turned on and the upper FET is turned off. Also an
internal latch is set and the soft start capacitor is dis-
charged. Once the lower threshold of the soft start cir-
cuit is crossed, the same softstart sequence mentioned
previously is repeated. This sequence is repeated until
the over condition is removed.
Upper Gate
Lower Gate
PhaseNode
Vtt Sho rted
Upper Gate
Lower Gate
The SC1109C utilizes an internal current source and an
external resistor connected from the OCSET pin to the
Mosfet’s supply to program a current limit level. This limit
is programmable by choosing the resistor according to
the level required. To reduce any noise pick up a 1nF
capacitor should be placed across the programing resis-
tor. The device operation is similar to the SC1109A/B
during the over current condition as mentioned above.
GATE DRIVERS
The Low side gate driver is supplied from VCC and provide
a peak source/sink current of and 500mA.
The high side gate drive is also capable of sourcing and
sinking peak currents of 500mA. The high side MOSFET
gate drive can be provided by an external 12V supply that
is connected from BST to GND. The actual gate to source
voltage of the upper MOSFET will approximately equal
7V (12V-VCC). If the external 12V supply is not available,
a classical boot strap technique can be implemented
from the VCC supply. A boot strap capacitor is connected
from BST to Phase while VCC is connected through a
diode (Schottky or other fast low VF diode) to the BST.
This will provide a gate to source voltage approximately
to VCC-Vdiode drop.
Low erGat e
PhaseNode
Low erGat e
Shoot through control circuitry provides a 100ns dead time
to ensure both upper and lower MOSFET will not turn on
simultaneously and cause a shoot through condition.
DUAL LDO CONTROLLERS
SC1109 also provides two low drop out linear regulator
controllers that can be used to generate a 1.8V and a
1.5V output. The LDO output voltage is achieved by con-
trolling the voltage drop across an external MOSFET from
a 3.3V supply voltage.
The output voltage is sensed at the LDOS pin of the SC1109
and compared to an internal reference. The gate drive to
the external MOSFET is then adjusted until regulation is
achieved. In order to have sufficient voltage to the gate
drives of the external MOSFET, an internal charge pump is
utilized to boost the gate drive voltage to about two times
the VSTBY.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com