Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109BSTR Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC1109BSTR
Description  Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109BSTR Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC1109BSTR Datasheet HTML 11Page - Semtech Corporation SC1109BSTR Datasheet HTML 12Page - Semtech Corporation SC1109BSTR Datasheet HTML 13Page - Semtech Corporation SC1109BSTR Datasheet HTML 14Page - Semtech Corporation SC1109BSTR Datasheet HTML 15Page - Semtech Corporation SC1109BSTR Datasheet HTML 16Page - Semtech Corporation SC1109BSTR Datasheet HTML 17Page - Semtech Corporation SC1109BSTR Datasheet HTML 18Page - Semtech Corporation SC1109BSTR Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1109
Typical VTT Load Regulation at Vin=5V
Typical VTT Line Regulation at Iout = 3 Amps
Typical Characteristics
Typical VTT Efficiency at Vin=5V
Typical VTT Line Regulation at Iout = 6 Amps
SC1109 (VTT) Eff. vs Iout (Vin = 5.0V)
0.0%
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
90.0%
0.00
2.00
4.00
6.00
8.00
Iout_Vtt (Amps)
IRL3103R(V1.8,V2.5 No load)
SC1109 (VTT) Load Reg. vs Iout (Vin = 5.0V)
-0.600%
-0.500%
-0.400%
-0.300%
-0.200%
-0.100%
0.000%
0.00
2.00
4.00
6.00
8.00
Iout_Vtt (Amps)
IRL3103R(V1.8,V2.5 No load)
SC1109 (VTT) Line Reg. vs Vin (Iout = 3.0A)
0.000%
0.020%
0.040%
0.060%
0.080%
0.100%
0.120%
4.700 4.800 4.900 5.000 5.100 5.200 5.300
Vin (V)
IRL3103R(V1.8,V2.5 No load)
SC1109 (VTT) Line Reg. vs Vin (Iout = 6.0A)
0.000%
0.050%
0.100%
0.150%
0.200%
0.250%
0.300%
0.350%
4.000 4.500 5.000 5.500 6.000 6.500 7.000
Vin (V)
IRL3103R(V1.8,V2.5 No load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com