Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5815PWPR Datasheet(PDF) 48 Page - Texas Instruments

Part # TAS5815PWPR
Description  TAS5815 30-W, Digital Input, Stereo, Closed-loop Class-D Audio Amplifier with 96 kHz Enhanced Processing
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5815PWPR Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS5815PWPR Datasheet HTML 44Page - Texas Instruments TAS5815PWPR Datasheet HTML 45Page - Texas Instruments TAS5815PWPR Datasheet HTML 46Page - Texas Instruments TAS5815PWPR Datasheet HTML 47Page - Texas Instruments TAS5815PWPR Datasheet HTML 48Page - Texas Instruments TAS5815PWPR Datasheet HTML 49Page - Texas Instruments TAS5815PWPR Datasheet HTML 50Page - Texas Instruments TAS5815PWPR Datasheet HTML 51Page - Texas Instruments TAS5815PWPR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 123 page
background image
7.5.3.2 Shutdown Procedures
1. The device is in normal operation.
2. Configure the DEVICE_CTRL2 Register [1:0]=00 (DEEP SLEEP) via the I2C control port or Pull PDN low.
3. The clocks can now be stopped and the power supplies brought down.
4. The device is now fully shutdown and powered off.
I
2S
I
2S
I
2S
I
2S
6ms
0ms
PDN
PVDD
I
2S
I
2C
DVDD
4.5V
0ms
I
2C
I
2C
I
2C
Output Hiz
6ms
A.
Before PVDD/DVDD power down, Class D Output driver needs to be disabled by PDN or by I2C.
B.
At least 6ms delay needed based on: LRCLK (Fs) = 48kHz, digital volume =24dB, digital volume ramp down by 0.5dB every sample
period. Changing the value of DIG_VOL_CTRL2 or DIG_VOL_CTRL3 registers or changing the or change the LRCLK rate will change
the delay time.
Figure 7-15. Power down sequence
TAS5815
SLOSEA8 – DECEMBER 2024
www.ti.com
48
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS5815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com