Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5815PWPR Datasheet(PDF) 53 Page - Texas Instruments

Part # TAS5815PWPR
Description  TAS5815 30-W, Digital Input, Stereo, Closed-loop Class-D Audio Amplifier with 96 kHz Enhanced Processing
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5815PWPR Datasheet(HTML) 53 Page - Texas Instruments

Back Button TAS5815PWPR Datasheet HTML 49Page - Texas Instruments TAS5815PWPR Datasheet HTML 50Page - Texas Instruments TAS5815PWPR Datasheet HTML 51Page - Texas Instruments TAS5815PWPR Datasheet HTML 52Page - Texas Instruments TAS5815PWPR Datasheet HTML 53Page - Texas Instruments TAS5815PWPR Datasheet HTML 54Page - Texas Instruments TAS5815PWPR Datasheet HTML 55Page - Texas Instruments TAS5815PWPR Datasheet HTML 56Page - Texas Instruments TAS5815PWPR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 123 page
background image
8.1.1 RESET_CTRL Register (Offset = 1h) [Reset = 00h]
RESET_CTRL is shown in Figure 8-1 and described in Table 8-3.
Return to the Summary Table.
Reset control
Figure 8-1. RESET_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
RST_MOD
RESERVED
RST_REG
W-0h
W-0h
W-0h
W-0h
Table 8-3. RESET_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
W
0h
4
RST_MOD
W
0h
WRITE CLEAR BIT
Reset Modules
This bit resets the interpolation filter and the DAC modules. Since the
DSP is also reset, the coeffient RAM content will also be cleared by
the DSP. This bit is auto cleared and can be set only in hiz mode.
0: Normal
1: Reset modules
3-1
RESERVED
W
0h
0
RST_REG
W
0h
WRITE CLEAR BIT
Reset Registers
This bit resets the mode registers back to their initial values. The
RAM content is not cleared. This bit is auto cleared and must be set
only when the DAC is in hiz mode (resetting registers when the DAC
is running is prohibited and not supported)
0: Normal
1: Reset mode registers
www.ti.com
TAS5815
SLOSEA8 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TAS5815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com