Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5815PWPR Datasheet(PDF) 86 Page - Texas Instruments

Part # TAS5815PWPR
Description  TAS5815 30-W, Digital Input, Stereo, Closed-loop Class-D Audio Amplifier with 96 kHz Enhanced Processing
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5815PWPR Datasheet(HTML) 86 Page - Texas Instruments

Back Button TAS5815PWPR Datasheet HTML 82Page - Texas Instruments TAS5815PWPR Datasheet HTML 83Page - Texas Instruments TAS5815PWPR Datasheet HTML 84Page - Texas Instruments TAS5815PWPR Datasheet HTML 85Page - Texas Instruments TAS5815PWPR Datasheet HTML 86Page - Texas Instruments TAS5815PWPR Datasheet HTML 87Page - Texas Instruments TAS5815PWPR Datasheet HTML 88Page - Texas Instruments TAS5815PWPR Datasheet HTML 89Page - Texas Instruments TAS5815PWPR Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 123 page
background image
8.1.34 CHAN_FAULT Register (Offset = 70h) [Reset = 00h]
CHAN_FAULT is shown in Figure 8-34 and described in Table 8-36.
Return to the Summary Table.
Channel fault
Figure 8-34. CHAN_FAULT Register
7
6
5
4
3
2
1
0
RESERVED
CH1DC
CH2DC
CH1OC
CH2OC
R-0h
R-0h
R-0h
R-0h
R-0h
Table 8-36. CHAN_FAULT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0h
3
CH1DC
R
0h
Channel 1 DC fault. Once there is a DC fault, the fault is latched and
this bit is set to be 1. Class D output is set to Hi-Z. Report by FAULT
pin (GPIO). Clear this fault by setting bit 7 of Fault_clear Register
(78h) to 1 or this bit keeps 1.
2
CH2DC
R
0h
Channel 2 DC fault. Once there is a DC fault, the fault is latched and
this bit is set to be 1. Class D output is set to Hi-Z. Report by FAULT
pin (GPIO). Clear this fault by setting bit 7 of Fault_clear Register
(78h) to 1 or this bit keeps 1.
1
CH1OC
R
0h
Channel 1 over current fault. Once there is a OC fault, the fault is
latched and this bit is set to be 1. Class D output is set to Hi-Z.
Report by FAULT pin (GPIO). Clear this fault by setting bit 7 of
Fault_clear Register (78h) to 1 or this bit keeps 1.
0
CH2OC
R
0h
Channel 2 over current fault. Once there is a OC fault, the fault is
latched and this bit is set to be 1. Class D output is set to Hi-Z.
Report by FAULT pin (GPIO). Clear this fault by setting bit 7 of
Fault_clear Register (78h) to 1 or this bit keeps 1.
TAS5815
SLOSEA8 – DECEMBER 2024
www.ti.com
86
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS5815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com