Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5815PWPR Datasheet(PDF) 49 Page - Texas Instruments

Part # TAS5815PWPR
Description  TAS5815 30-W, Digital Input, Stereo, Closed-loop Class-D Audio Amplifier with 96 kHz Enhanced Processing
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5815PWPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5815PWPR Datasheet HTML 45Page - Texas Instruments TAS5815PWPR Datasheet HTML 46Page - Texas Instruments TAS5815PWPR Datasheet HTML 47Page - Texas Instruments TAS5815PWPR Datasheet HTML 48Page - Texas Instruments TAS5815PWPR Datasheet HTML 49Page - Texas Instruments TAS5815PWPR Datasheet HTML 50Page - Texas Instruments TAS5815PWPR Datasheet HTML 51Page - Texas Instruments TAS5815PWPR Datasheet HTML 52Page - Texas Instruments TAS5815PWPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 123 page
background image
7.5.3.3 Protection and Monitoring
7.5.3.3.1 Overcurrent Shutdown (OCSD)
Under severe short-circuit event, such as a short to PVDD or ground, the device uses a peak-current detector,
and the affected channel shuts down in < 100ns if the peak current are enough. The shutdown speed depends
on a number of factors, such as the impedance of the short circuit, supply voltage, and switching frequency. The
user may restart the affected channel via I2C. An OCSD event activates the fault pin, and the I2C fault register
saves a record. If the supply or ground short is strong enough to exceed the peak current threshold but not
severe enough to trigger the OCSD, the peak current limiter prevents excess current from damaging the output
FETs, and operation returns to normal after the short is removed.
7.5.3.3.2 DC Detect
If the TAS5815 device measures a DC offset in the output voltage, the ADR/ FAULT line is pulled low and the
OUTxx outputs transition to high impedance, signifying a fault.
7.5.3.3.3 Device Over Temperature Protection
Once the die temperature exceed 160°C (Typical), device will set the output driver from Play mode to Hi-Z Mode.
Over temperature shutdown fault reported by GLOBAL_FAULT2 (0x72) register in Book0/Page0. Set this fault's
behavior to Auto-recovery mode, device will come back to play mode automatically once the die temperature
drop down to 150°C or device needs re-enter into play mode by clearing fault with FAULT_CLEAR (0x78)
register in Book0/Page0.
7.5.3.3.4 Over Voltage Protection
Once the PVDD voltage exceeds the OVETHRES(PVDD), device will set the output driver from Play mode to Hi-Z
mode. Over voltage fault reported by GLOBAL_FAULT1 (0x71) register in Book0/Page0. Once PVDD voltage
returns to normal, device will come back to Play mode. But this bit still keeps 1 unless clear it by FAULT_CLEAR
(0x78) register in Book0/Page0 manually.
7.5.3.3.5 Under Voltage Protection
Once the PVDD voltage drop below the UVETHRES(PVDD) (4 V Typical), device will set the output driver from Play
mode to Hi-Z mode. Under voltage fault reported by GLOBAL_FAULT1 (0x71) register in Book0/Page0. Once
PVDD rise above 4.25 V (Typical), device will come back to Play mode. But this bit still keeps 1 unless clear it by
FAULT_CLEAR (0x78) register in Book0/Page0 manually.
7.5.3.3.6 Clock Fault
Once there has any Clock error occurs (Clock Halt, SCLK/LRCLK Ratio Error, Pll unlock, FS error) , Section
8.1.12 and Section 8.1.14 monitor these errors and real-time report with details, device will enter into Hi-Z mode.
Clock Fault reported in Section 8.1.35 in Book0/Page0. Once the clock error been removed, device will come
back to play mode automatically. But this bit still keeps 1 unless clear it by Section 8.1.41 in Book0/Page0
manually.
www.ti.com
TAS5815
SLOSEA8 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TAS5815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com