Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5815PWPR Datasheet(PDF) 90 Page - Texas Instruments

Part # TAS5815PWPR
Description  TAS5815 30-W, Digital Input, Stereo, Closed-loop Class-D Audio Amplifier with 96 kHz Enhanced Processing
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5815PWPR Datasheet(HTML) 90 Page - Texas Instruments

Back Button TAS5815PWPR Datasheet HTML 86Page - Texas Instruments TAS5815PWPR Datasheet HTML 87Page - Texas Instruments TAS5815PWPR Datasheet HTML 88Page - Texas Instruments TAS5815PWPR Datasheet HTML 89Page - Texas Instruments TAS5815PWPR Datasheet HTML 90Page - Texas Instruments TAS5815PWPR Datasheet HTML 91Page - Texas Instruments TAS5815PWPR Datasheet HTML 92Page - Texas Instruments TAS5815PWPR Datasheet HTML 93Page - Texas Instruments TAS5815PWPR Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 123 page
background image
8.1.38 PIN_CONTROL1 Register (Offset = 74h) [Reset = 00h]
PIN_CONTROL1 is shown in Figure 8-38 and described in Table 8-40.
Return to the Summary Table.
Pin control 1
Figure 8-38. PIN_CONTROL1 Register
7
6
5
4
3
2
1
0
MASK_OTSD
MASK_DVDDU
V
MASK_DVDDO
V
MASK_CLKER
ROR
MASK_PVDDU
V
MASK_PVDDO
V
MASK_DC
MASK_OC
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 8-40. PIN_CONTROL1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
MASK_OTSD
R/W
0h
0: Enable OTSD fault report
1: Mask OTSD fault report
6
MASK_DVDDUV
R/W
0h
0: Enable DVDD UV fault report
1: Mask DVDD UV report
5
MASK_DVDDOV
R/W
0h
0: Enable DVDD OV fault report
1: Mask DVDD OV fault report
4
MASK_CLKERROR
R/W
0h
0: Enable CLK fault report
1: Mask CLK fault report
3
MASK_PVDDUV
R/W
0h
0: Enable UV fault report
1: Mask UV fault report
2
MASK_PVDDOV
R/W
0h
0: Enable OV fault report
1: Mask OV fault report
1
MASK_DC
R/W
0h
0: Enable DC fault report
1: Mask DC fault report
0
MASK_OC
R/W
0h
0: Enable OC fault report
1: Mask OC fault report
TAS5815
SLOSEA8 – DECEMBER 2024
www.ti.com
90
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS5815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com