Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5815PWPR Datasheet(PDF) 83 Page - Texas Instruments

Part # TAS5815PWPR
Description  TAS5815 30-W, Digital Input, Stereo, Closed-loop Class-D Audio Amplifier with 96 kHz Enhanced Processing
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5815PWPR Datasheet(HTML) 83 Page - Texas Instruments

Back Button TAS5815PWPR Datasheet HTML 79Page - Texas Instruments TAS5815PWPR Datasheet HTML 80Page - Texas Instruments TAS5815PWPR Datasheet HTML 81Page - Texas Instruments TAS5815PWPR Datasheet HTML 82Page - Texas Instruments TAS5815PWPR Datasheet HTML 83Page - Texas Instruments TAS5815PWPR Datasheet HTML 84Page - Texas Instruments TAS5815PWPR Datasheet HTML 85Page - Texas Instruments TAS5815PWPR Datasheet HTML 86Page - Texas Instruments TAS5815PWPR Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 123 page
background image
8.1.31 RAMP_PHASE_CTRL Register (Offset = 6Ah) [Reset = 00h]
RAMP_PHASE_CTRL is shown in Figure 8-31 and described in Table 8-33.
Return to the Summary Table.
Switching clock phase control
Figure 8-31. RAMP_PHASE_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
RAMPPHASE_SEL
RESERVED
R/W-0h
R/W-0h
R/W-0h
Table 8-33. RAMP_PHASE_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0h
3-2
RAMPPHASE_SEL
R/W
0h
Select ramp clock phase when multi devices are integrated in
one system to reduce EMI and peak supply peak current, it is
recomended set all devices the same RAMP frequency and same
spread spectrum. it must be set before driving device into PLAY
mode if this feature is needed.
00: 0 degree
01: 45 degree
10: 90 degree
11: 135 degree
all of above have a 45 degree of phase shift
1-0
RESERVED
R/W
0h
Use I2S to synchronize output PWM phase
0: Disable
1: Enable
0
PHASE_SYNC_EN
R/W
0h
0: RAMP phase sync disable
1: RAMP phase sync enable
www.ti.com
TAS5815
SLOSEA8 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: TAS5815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com