Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7R995C Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # UT7R995C
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995C Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button UT7R995C Datasheet HTML 3Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 4Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 5Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 6Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 7Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 8Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 9Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 10Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
3.0 PIN DESCRIPTION
Flatpack
Pin No.
Name
I/O
Type
Description
37
XTAL1
I
LVTTL
Primary reference clock input.
When interfacing a single-ended reference clock
to the UT7R995 or UT7R995C, this input must be driven by an LVTTL/LVCMOS
clock source.
If a quartz crystal is used as the reference clock source (UT7R995C only), the second
pin on the crystal must be connected to XTAL2. If a singled ended reference clock
is supplied to this pin, then XTAL2 should be left unconnected.
36
N/C
--
--
No Connect.
UT7R995 Only.
XTAL2
O
N/A
Feedback output from the on-board crystal oscillator.
When a crystal is used to
supply the reference clock for the UT7R995C, this pin must be connected to the
second terminal of the quartz crystal. If a single-ended reference clock is supplied
to XTAL1, then this output should be left unconnected.
13
FB
I
LVTTL
Feedback input for the PLL.
When FB is not driven by an active clock output the
PLL will run to its maximum frequency, unless the device is placed in power-down.
28
TEST 1
I
3-Level
Built-in test control signal.
When Test is set to the MID or HIGH level, it disables
the PLL and the XTAL1 reference frequency is driven to all outputs (except for the
conditions described in note 1). Set Test LOW for normal operation.
2.0 RADIATION HARDNESS
Table 13: Radiation Hardness Design Specifications
Notes:
1. The UT7R995/C are latchup immune to particle LETs >109 MeV-cm2/mg.
2. Worst case temperature and voltage of TC = +125
oC, V
DD = 3.6V, VDDQ1/Q3/Q4 = 3.6V for SEL.
3. Worst case temperature and voltage of TC = +25
oC, V
DD = 3.0V, VDDQ1/Q3/Q4 = 3.0V for SEU.
4. All SEU data specified in this datasheet is based on the storage elements used in the UT7R995/C.
5. For characterization data on the UT7R995/C SET performance over allowable operating ranges, please contact the factory.
Parameter
Limit
Units
Total Ionizing Dose (TID)
>1E6
rads(Si)
Single Event Latchup (SEL) 1, 2
>109
MeV-cm2/mg
Onset Single Event Upset (SEU) LET Threshold 3, 4
>109
MeV-cm2/mg
Onset Single Event Transient (SET) LET Threshold (@ 50MHz; FS=L)5
>74
MeV-cm2/mg
Neutron Fluence
1.0E14
n/cm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com