Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7R995C Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # UT7R995C
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995C Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button UT7R995C Datasheet HTML 5Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 6Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 7Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 8Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 9Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 10Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 11Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 12Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
4PD/DIV
I
3-Level
Power down and reference divider control.
This dual function pin controls the
power down operation and selects the input reference divider. Holding the pin low
during power up ensures clean RadClock startup that is independent of the behavior
of the reference clock. The pin may also be driven low at any time to force a reset
to the PLL. The following table summarizes the operating states controlled by the
PD/DIV pin.
PD/DIV
Operating Mode
Input Reference Divider
LOW
Powered Down
N/A
MID
Normal Operation
÷ 2
HIGH
Normal Operation
÷ 1
20
LOCK
O
LVTTL
PLL lock indication signal.
A HIGH state indicates that the PLL is in a locked
condition. A LOW state indicates that the PLL is not locked and the outputs may
not be synchronized to the input. As the following table indicates, the level of phase
alignment between XTAL1 and FB that will cause the LOCK pin to change states is
dependent upon the frequency range selected by the FS input.
FS
LOCK Resolution
L
1.6ns typical
M
1.6ns typical
H
800ps typical
** Note: The LOCK pin can only be considered as a valid output when the RadClock
is in a normal mode of operation (e.g. PD/DIV != LOW, TEST = LOW, and a valid
reference clock is supplied to the XTAL1 input). Until these conditions are met,
RadClock is not in a normal operating mode and the LOCK pin may be HIGH or
LOW and therefore should not be used in making any logical decisions until the
device is in a normal operating mode. Reference the tLOCK parameter in the AC timing
specification to determine the delay for the LOCK pin to become valid HIGH
following a stable input reference clock and the application of a clock to the FB input.
43
VDDQ4
2
PWR
Power
Power supply for Bank 4 output buffers.
Please see Table 12 for supply level constraints.
7
VDDQ3
2
PWR
Power
Power supply for Bank 3 output buffers.
Please see Table 12 for supply level constraints.
19, 30
VDDQ1
2
PWR
Power
Power supply for Bank 1 and Bank 2 output buffers.
Please see Table 12 for supply level constraints.
6, 12, 14,
35, 38
VDD
2
PWR
Power
Power supply for internal circuitry.
Please see Table 12 for supply level constraints.
10, 11, 15,
16, 21, 29,
33, 34, 39,
40, 44, 45
VSS
PWR
Power
Ground
Flatpack
Pin No.
Name
I/O
Type
Description
Notes:
1. When TEST = MID and sOE = HIGH, the PLL remains active with nF[1:0] = LL functioning as an output disable control for individual output banks. Skew
selections remain in effect unless nF[1:0] = LL.
2. A bypass capacitor (0.1
μF) should be placed as close as possible to each positive power pin (<0.2"). An additional 1μF capacitor should be located within 0.2"
of the output bank power supplies (VDDQ1, VDDQ3, and VDDQ4). If these bypass capacitors are not close to the pins, their high frequency filtering character-
istics will be cancelled by the parasitic inductance of the traces. Additionally, it is recommend that wide traces (0.025" or wider) be used when connecting the
decoupling capacitors to their respective power pins on the RadClock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com