Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7R995C Datasheet(PDF) 18 Page - Aeroflex Circuit Technology

Part # UT7R995C
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995C Datasheet(HTML) 18 Page - Aeroflex Circuit Technology

Back Button UT7R995C Datasheet HTML 14Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 15Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 16Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 17Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 18Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 19Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 20Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 21Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 22Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
Figure 10.
Output Test Load Circuit for LOCK and
Dynamic Power Supply Current Measurements
2.0V
0.8V
VTH = 1.5V
tPWH
tPWL
tORISE
tOFALL
Figure 7. +3.3V LVTTL Output Waveform
1.7V
0.7V
VTH = 1.25V
tPWH
tPWL
tORISE
tOFALL
Figure 8. +2.5V LVTTL Output Waveform
2.0V
0.8V
VTH = 1.5V
< 1ns
< 1ns
Figure 9. +3.3V LVTTL Input Test Waveform
3.0V
0V
CL
150
Ω
150
Ω
VDDQn
DUT
Figure 11.
Clock Output AC Test Load Circuit
100
Ω
100
Ω
CL
DUT
Note: This is not the recommended termination
for normal user operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com