Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7R995C Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT7R995C
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995C Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT7R995C Datasheet HTML 1Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 2Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 3Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 4Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 5Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 6Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 7Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 8Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES:
+3.3V Core Power Supply
+2.5V or +3.3V Clock Output Power Supply
- Independent Clock Output Bank Power Supplies
Output frequency range: 6 MHz to 200 MHz
Bank pair output-output skew < 100 ps
Cycle-cycle jitter < 50 ps
50% ± 2% maximum output duty cycle at 100MHz
Eight LVTTL outputs with selectable drive strength
Selectable positive- or negative-edge synchronization
Selectable phase-locked loop (PLL) frequency range and
lock indicator
Phase adjustments in 625 to 1300 ps steps up to ± 7.8 ns
(1-6,8,10,12) x multiply and (1/2,1/4) x divide ratios
Compatible with Spread-Spectrum reference clocks
Power-down mode
Selectable reference input divider
Radiation performance
- Total-dose tolerance: 100 krad (Si)
- SEL Immune to a LET of 109 MeV-cm2/mg
- SEU Immune to a LET of 109 MeV-cm2/mg
Military temperature range: -55oC to +125oC
Extended industrial temp: -40oC to +125oC
Packaging options:
- 48-Lead Ceramic Flatpack
Standard Microcircuit Drawing: 5962-05214
- QML-Q and QML-V compliant part
INTRODUCTION:
The UT7R995/UT7R995C is a low-voltage, low-power, eight-
output, 6-to-200 MHz clock driver. It features output phase
programmability which is necessary to optimize the timing of
high-performance microprocessor and communication sys-
tems.
The user programs both the frequency and the phase of the out-
put banks through nF[1:0] and DS[1:0] pins. The adjustable
phase feature allows the user to skew the outputs to lead or lag
the reference clock. Connect any one of the outputs to the
feedback input to achieve different reference frequency multi-
plication and division ratios.
The devices also feature split output bank power supplies that
enable banks 1 & 2, bank 3, and bank 4 to operate at a different
power supply levels. The ternary PE/HD pin controls the syn-
chronization of output signals to either the rising or the falling
edge of the reference clock and selects the drive strength of the
output buffers. The UT7R995 and UT7R995C both interface
to a digital clock while the UT7R995C will also interface to a
quartz crystal.
Figure 1. 48-Lead Ceramic Flatpack Pin Description
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
4F0
4F1
sOE
PD/DIV
PE/HD
VDD
VDDQ3
3Q1
3Q0
VSS
VSS
VDD
FB
VDD
VSS
VSS
2Q1
2Q0
VDDQ1
LOCK
VSS
DS0
DS1
1F0
3F1
3F0
FS
VSS
VSS
VDDQ4
4Q1
4Q0
VSS
VSS
VDD
XTAL1
NC/XTAL2
VDD
VSS
VSS
1Q1
1Q0
VDDQ1
VSS
TEST
2F1
2F0
1F1
UT7R995
&
UT7R995C
Standard Products
UT7R995 & UT7R995C RadClockTM
RadHard 2.5V/3.3V 200MHz High-Speed
Multi-phase PLL Clock Buffer
Datasheet
February, 2007


Similar Part No. - UT7R995C

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT70 WILLOW-UT70 Datasheet
864Kb / 2P
Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
List of Unclassifed Man...
UT70 ETC-UT70 Datasheet
158Kb / 2P
Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
logo
Aeroflex Circuit Techno...
UT700 AEROFLEX-UT700 Datasheet
369Kb / 46P
UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEA AEROFLEX-UT700E-CEA Datasheet
369Kb / 46P
UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEC AEROFLEX-UT700E-CEC Datasheet
369Kb / 46P
UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
More results

Similar Description - UT7R995C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
High-Speed Multi-Phase PLL Clock Buffer
Revised July 25, 2003
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
High-speed Multi-phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950 Datasheet
170Kb / 9P
2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
High Speed Multi-phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
High-speed Multi-phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
High Speed Multi-phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
High Speed Multi Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com