Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7R995C Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # UT7R995C
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995C Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button UT7R995C Datasheet HTML 4Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 5Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 6Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 7Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 8Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 9Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 10Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 11Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 12Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
3sOE
ILVTTL
Synchronous Output Enable.
The sOE input is used to synchronously enable/
disable the output clocks. Each clock output that is controlled by the sOE pin is
synchronously enabled/disabled by the individual output clock. When HIGH, sOE
disables all clocks except 2Q0 and 2Q1. When disabled, 1Q0, 1Q1, 3Q0, and 3Q1
will always enter a LOW state when PE/HD is MID or HIGH, and they will disable
into a HIGH state when PE/HD is LOW.
The disabled state of 4Q0 and 4Q1 is dependent upon the state of PE/HD and 4F[1:0].
The following table illustrates the disabled state of bank 4 outputs as they are
controlled by the state of PE/HD and 4F[1:0].
PE/HD
4F[1:0]*
4Q0
4Q1
LOW
HH
LOW
LOW
MID
HH
HIGH
HIGH
HIGH
HH
HIGH
HIGH
*All other combinations of 4F[1:0] will result in 4Q0 and 4Q1 disabling into
a LOW state when PE/HD is MID or HIGH, and they will disable into a
HIGH
state when PE/HD is LOW.
When TEST is held at the MID level and sOE is HIGH, the nF[1:0] pins act as
individual output enable/disable controls for each output bank, excluding bank 2.
Setting both nF[1:0] signals LOW disables the corresponding output bank.
Set sOE LOW to place the UT7R995/C RadClockTM outputs into their normal
operating modes.
1, 2, 24,
25, 26, 27,
47, 48
nF[1:0]
I
3-Level
Output divider and phase skew selection for each output bank.
Please see Tables 3, 4, 5, 6, and 9 for a complete explanation of the nF[1:0] control
functions and their effects on output frequency and skew.
46
FS
I
3-Level
VCO operating frequency range selection.
Please see Tables 7 and 8.
8, 9, 17,
18, 31, 32,
41, 42
nQ[1:0]
O
LVTTL
Four clock banks of two outputs each.
Please see Table 6 for frequency settings and Table 9 for skew settings.
22, 23
DS[1:0]
I
3-Level
Feedback input divider selection.
Please see Table 1 for a summary of the feedback input divider settings.
5
PE/HD
I
3-Level
Positive/negative edge control and high/low output drive strength selection.
The
PE portion of this pin controls which edge of the reference input synchronizes the
clock outputs. The HD portion of this pin controls the drive strength of the output
clock buffers. The following table summarizes the effects of the PE/HD pin during
normal operation.
PE/HD
Synchronization
Output Drive Strength
LOW
Negative Edge
Low Drive
MID
Positive Edge
High Drive
HIGH
Positive Edge
Low Drive
Low drive strength outputs provide 12mA of drive strength while the high drive
condition results in 24mA of current drive. Output banks operating from a 2.5V
power supply guarantee a high drive of 20mA.
Flatpack
Pin No.
Name
I/O
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com