Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7R995C Datasheet(PDF) 21 Page - Aeroflex Circuit Technology

Part # UT7R995C
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995C Datasheet(HTML) 21 Page - Aeroflex Circuit Technology

Back Button UT7R995C Datasheet HTML 14Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 15Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 16Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 17Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 18Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 19Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 20Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 21Page - Aeroflex Circuit Technology UT7R995C Datasheet HTML 22Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
UT7R995 and UT7R995C: SMD
Lead Finish (Notes 1 & 2):
(A) =
Hot solder dipped
(C)
=
Gold
(X) =
Factory Option (gold or solder)
Case Outline:
(X) =
48-Lead Ceramic Flatpack
Class Designator:
(Q) =
QML Class Q
(V) =
QML Class V
Device Type
(01) =
UT7R995 -> 6MHz-to-200MHz, High Speed, Multi-Phase, Zero-Delay, without Crystal Capability
(02) =
UT7R995 - Extended Industrial Temperature (-40°C to +125°C)
(03) =
UT7R995C -> 6MHz-to-200MHz, High Speed, Multi-Phase, Zero-Delay, with Crystal Capability
(04) =
UT7R995C - Extended Industrial Temperature (-40°C to +125°C)
Drawing Number: 5962-05214
Total Dose (Note 3):
(R)
=
1E5 rads(Si)
(F)
=
3E5 rads(Si)
(NOTE 4)
(G) =
5E5 rads(Si)
(NOTE 4)
(H) =
1E6 rads(Si)
(NOTE 4)
Federal Stock Class Designator: No options
Notes:
1.Lead finish (A,C, or X) must be specified.
2.If an “X” is specified when ordering, part marking will match the lead finish and will be either “A” (solder) or “C” (gold).
3.Total dose radiation must be specified when ordering. QML Q and QML V are not available without radiation hardening.
4.These radiation screen levels are currently unavailable. Contact the factory for information regarding lead-time and availability.
5962 * 05214
** * * *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com