Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC900AEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC900AEVB
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900AEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC900AEVB Datasheet HTML 8Page - Semtech Corporation SC900AEVB Datasheet HTML 9Page - Semtech Corporation SC900AEVB Datasheet HTML 10Page - Semtech Corporation SC900AEVB Datasheet HTML 11Page - Semtech Corporation SC900AEVB Datasheet HTML 12Page - Semtech Corporation SC900AEVB Datasheet HTML 13Page - Semtech Corporation SC900AEVB Datasheet HTML 14Page - Semtech Corporation SC900AEVB Datasheet HTML 15Page - Semtech Corporation SC900AEVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900A
Applications Information (Cont.)
Layout Considerations
Layout is straightforward if you use the Gerber files on
page 21 as a reference. Notice that the input voltage feed
to the SC900A is on the bottom of the board and vias con-
nect this voltage track to the top of the board and then
to the SC900A itself. The input bypass can be one 4.7μF
capacitor, two 3.3μF capacitors, three 2.2μF capacitors or
five 1μF capacitors. The determining factor is how much
copper is available on the input voltage feed track and
how much room is available. If the input voltage track is
very thin, then use five 1μF capacitors placed very close
to the input pins of the SC900A. If the input track is fairly
thick, then you can use a single 4.7μF capacitor at the be-
ginning of the voltage feed track since a wider track has
less inductance per inch. The SC900AEVB has five 1μF
capacitors, but these can be replaced with one 4.7μF in
place of C1 and opens in place of C9, C14, C15, and C16
(see page 20 for details).
Register
Name
Register
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LDO A
LDO B
LDO C
LDO D
LDO E
LDO Reset
Control
On/Off Control
Register
0x00
0x01
0x02
0x03
0x04
0x05
0x06
XX
XX
X
LDOPGD Pin
Reset Polarity Bit
ARST Pin
Reset Polarity Bit
LDOPGD Monitor Logic Bits
LDOPGD Delay Bits
LDO (A) Reset Delay Bits
ON/OFF Control
LDO E
ON/OFF Control
LDO D
ON/OFF Control
LDO C
ON/OFF Control
LDO B
ON/OFF Control
LDO A
Active
Shutdown
1 = ON
0 = OFF
Output Voltage Codes
Table A for LDOs A & B
Table B for LDOs C, D & E
10
1
1
1
1
00
00
ON
ON
ON
ON
ON
OFF
OFF
OFF
OFF
OFF
LDO Reset Control Logic Table (Defaults are in Bold)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Result
Result
Result
Result
Result
LDOPGD Pin Polarity
ARST Pin Polarity
LDOPGD Monitor Logic
LDOPGD Delay
ARST Delay
1
0
1
0
1
0
00
0
00
0
0
00
0
0
1
11
1
11
1
1
11
1
High: Power Fail
Low: Power Good
High: Power Good
Low: Power Fail
High: Power Good
Low: Reset
High: Reset
Low: Power Good
LDOs
A, C, D & E
Good
LDO E Good
LDO C Good
LDO D Good
150ms
100ms
50ms
0ms
150ms
50ms
100ms
0ms
LDO Reset Control Logic Table (Defaults are in Bold)
Note:
Digital outputs are powered from INB, additionally LDOB must be on for operation of LDOPGD and ARST.
R/W
00
0
1
0
0
A0
X
DEVICE TYPE IDENTIFIER
DEVICE ADDRESS
SC900A Slave Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com