Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC900AEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC900AEVB
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900AEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC900AEVB Datasheet HTML 10Page - Semtech Corporation SC900AEVB Datasheet HTML 11Page - Semtech Corporation SC900AEVB Datasheet HTML 12Page - Semtech Corporation SC900AEVB Datasheet HTML 13Page - Semtech Corporation SC900AEVB Datasheet HTML 14Page - Semtech Corporation SC900AEVB Datasheet HTML 15Page - Semtech Corporation SC900AEVB Datasheet HTML 16Page - Semtech Corporation SC900AEVB Datasheet HTML 17Page - Semtech Corporation SC900AEVB Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900A
Using the I2C Interface
The SC900A is a read-write slave mode I2C device and complies with the Philips I2C standard version 2.1 dated January
2000. The SC900A has six user-accessible internal 8-bit registers. The I2C interface has been designed for program
flexibility, in that once the slave address has been sent to the SC900A enabling it to be a slave transmitter/receiver,
any register can be written to or read from independently of each other. While there is no auto increment/decrement
capability in the SC900A I2C logic, a tight software loop can be designed to randomly access the next register indepen-
dent of which register you have been accessing. The start and stop commands frame the datapacket and the repeat
start condition is allowed if necessary.
SC900A Limitations to the I2C Specifications
Seven-bit addressing is required for communication with the SC900A; ten-bit addressing is not allowed. Any general
call address will be ignored by the SC900A. Note that the SC900A is not CBUS compatible. Finally, the SC900A can
operate in standard mode (100kbit/s) or fast mode (400kbit/s).
Supported Formats
Direct Format - Write
The simplest format for an I2C write is the direct format. After the start condition [S], the slave address is sent, followed
by an eighth bit indicating a write. The SC900A I2C then acknowledges that it is being addressed, and the master re-
sponds with an 8-bit data byte consisting of the register address. The slave acknowledges and the master sends the
appropriate 8-bit data byte. Once again the slave acknowledges and the master terminates the transfer with the stop
condition [P].
Slave Address
Register Address
Data
S
W A
AA P
S: Start Condition
Slave Address: 7 bit
W: Write = ‘0’
Register Address: 8 bit
A: Acknowledge (sent by slave)
Data: 8 bit
P: Stop condition
I
2C Direct Format - Write
Combined Format - Read
After the start condition [S], the slave address is sent, followed by an eighth bit indicating a write. The SC900A I2C
then acknowledges that it is being addressed, and the master responds with an 8-bit data byte consisting of the reg-
ister address. The slave acknowledges and the master sends the repeated start condition [Sr]. Once again the slave
address is sent, followed by an eighth bit indicating a read. The slave responds with an acknowledge and the previ-
ously addressed 8-bit data byte. The master then sends a non-acknowledge (NACK). Finally the master terminates the
transfer with the stop condition [P].
Slave Address
Register Address
Slave Address
Data
NACK
S
W A
A Sr
R A
P
S: Start Condition
Slave Address: 7 bit
W: Write = ‘0’
Register Address: 8 bit
R: Read = ‘1’
Data: 8 bit
A: Acknowledge (sent by slave)
NACK: Non-Acknowledge (sent by master)
Sr: Repeated Start Condition
P: Stop condition
I
2C Combined Format - Read
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com