Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC900AEVB Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC900AEVB
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900AEVB Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC900AEVB Datasheet HTML 15Page - Semtech Corporation SC900AEVB Datasheet HTML 16Page - Semtech Corporation SC900AEVB Datasheet HTML 17Page - Semtech Corporation SC900AEVB Datasheet HTML 18Page - Semtech Corporation SC900AEVB Datasheet HTML 19Page - Semtech Corporation SC900AEVB Datasheet HTML 20Page - Semtech Corporation SC900AEVB Datasheet HTML 21Page - Semtech Corporation SC900AEVB Datasheet HTML 22Page - Semtech Corporation SC900AEVB Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
20
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900A
Evaluation Board Schematic
VDD
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
GND
D-
D+
VBUS
VREGIN
P3.0/C2D
C2CK/RST
VIN
INB
INCD
INE
EN
LDOPGD
ARST
SDA
INA
SCL
A0
GND
LDOA
LDOB
LDOC
LDOD
LDOE
VREF
VASEL
DGND
1
1
LDOA
LDOB
LDOC
LDOD
LDOE
J1
J2
J3
J4
J5
C2
C3
C4
C5
C6
0.1uF
2.2uF
2.2uF
2.2uF
2.2uF
VIN
INA
INB
INCD
INE
LDOPGD
ARST
13
19
2
17
14
5
9
10
3
4
6
12
20
1
18
16
15
11
8
7
VASEL
A0
TP5
TP6
SC900A
PWR
SC900A PWR
1
2
VASEL
J6
SC900A PWR
ENABLE
TP9
R6
100k
R9
100k
SC900A PWR
100k
150
100k
(Non-use)
R10
R11
SC900A
PWR
C10
0.1uF
C7
2.2uF
NC7S04
U3
1
2
3
4
5
SDA
SCL
TP3
TP4
TP8
TP7
TP1
TP2
AM1
AM2
7.5k
7.5k
R5
R4
150
150
R1
R2
D1
D2
LDOPGD
ARST
FMMT3904
FMMT3904
Q1
Q2
7.5k
R7
7.5k
R8
C2DAT
C2CLK
PROGRAM & DEBUG
J10
1
2
3
150
R16
D6
USB BUS
C13
1uF
C12
4.7uF
150
R12
D4
EXTERNAL
150
R13
D5
USB
100k
R14
100k
R15
+5V
USB
C11
0.1uF
C8
10uF
J9
EXTERNAL
SUPPLY
+5V
EXTERNAL
SW1
SC900A PWR
SC900A
Power Select
+5V USB
1
2
1
2
3
4
1A
F1
J11
USB
6
1
32
31
30
29
28
27
26
25
24
23
22
21
20
19
2
18
17
16
15
14
13
12
11
10
9
7
8
5
4
3
R18
R17
0
GND
J7
GND
J8
C1
0.1uF
C9
0.1uF
C14
0.1uF
C15
0.1uF
C16
0.1uF
VIN
INA
INB
INCD
INE
SC900A PWR
SC900A
U1
U2
C8051F320
SC900A PWR
R3
0
D3
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com