Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC900AEVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC900AEVB
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900AEVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC900AEVB Datasheet HTML 9Page - Semtech Corporation SC900AEVB Datasheet HTML 10Page - Semtech Corporation SC900AEVB Datasheet HTML 11Page - Semtech Corporation SC900AEVB Datasheet HTML 12Page - Semtech Corporation SC900AEVB Datasheet HTML 13Page - Semtech Corporation SC900AEVB Datasheet HTML 14Page - Semtech Corporation SC900AEVB Datasheet HTML 15Page - Semtech Corporation SC900AEVB Datasheet HTML 16Page - Semtech Corporation SC900AEVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900A
Applications Information (Cont.)
Output Voltage Code Bits:
A 5-bit linear DAC controls the output voltage of each LDO. The DAC and error-amp gain are scaled so that the LSB
size at the output is 50mV. Output voltage can be set by writing the proper code to the desired LDO register. See Table
A for the bitcodes and their corresponding voltages for LDOs A and B, and Table B for the bitcodes and corresponding
voltages for LDOs C, D and E.
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LDO Output Voltage
0
0
0
0
0
1.45V
0
0
0
0
1
1.50V
0
0
0
1
0
1.55V
0
0
0
1
1
1.60V
0
0
1
0
0
1.65V
--
-
-
-
-
--
-
-
-
-
1
1
1
1
0
2.95V
1
1
1
1
1
3.00V
Table A - LDO Output Voltage Control Settings for LDOs A and B
Table B - LDO Output Voltage Control Settings for LDOs C, D and E
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LDO Output Voltage
0
0
0
0
0
1.75V
0
0
0
0
1
1.80V
0
0
0
1
0
1.85V
0
0
0
1
1
1.90V
0
0
1
0
0
1.95V
--
-
-
-
-
--
-
-
-
-
1
1
1
1
0
3.25V
1
1
1
1
1
3.30V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com