Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC900AEVB Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC900AEVB
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900AEVB Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC900AEVB Datasheet HTML 15Page - Semtech Corporation SC900AEVB Datasheet HTML 16Page - Semtech Corporation SC900AEVB Datasheet HTML 17Page - Semtech Corporation SC900AEVB Datasheet HTML 18Page - Semtech Corporation SC900AEVB Datasheet HTML 19Page - Semtech Corporation SC900AEVB Datasheet HTML 20Page - Semtech Corporation SC900AEVB Datasheet HTML 21Page - Semtech Corporation SC900AEVB Datasheet HTML 22Page - Semtech Corporation SC900AEVB Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900A
20
25
30
35
40
45
50
0
25
50
75
100
125
150
175
200
20
25
30
35
40
45
50
0
25
50
75
100
125
150
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
T = -40˚C
T = -40˚C
T = 25˚C
T = 25˚C
T = 85˚C
T = 85˚C
Load Transient (LDOA-E)
V
IN = 3.7V, Io = 10mA to 150mA step
Line Transient (LDOA-E)
V
IN = 3.7V, Io = 150mA
V
IN
1V/div
V
O
10mV/div
V
O
20mV/div
I
O
100mA/div
1ms/div
1ms/div
Output Noise v Load Current (LDOA-B)
VIN = 3.7V, V
O = 3V
Output Noise v Load Current (LDOC-E)
VIN = 3.7V, V
O = 3.3V
PSRR v Frequency (LDOA-B)
V
IN = 3.7V, VO = 3V
PSRR v Frequency (LDOC-E)
V
IN = 3.7V, VO = 3.3V
Load Current (mA)
Load Current (mA)
Frequency (Hz)
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com