Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC900AEVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC900AEVB
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900AEVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC900AEVB Datasheet HTML 1Page - Semtech Corporation SC900AEVB Datasheet HTML 2Page - Semtech Corporation SC900AEVB Datasheet HTML 3Page - Semtech Corporation SC900AEVB Datasheet HTML 4Page - Semtech Corporation SC900AEVB Datasheet HTML 5Page - Semtech Corporation SC900AEVB Datasheet HTML 6Page - Semtech Corporation SC900AEVB Datasheet HTML 7Page - Semtech Corporation SC900AEVB Datasheet HTML 8Page - Semtech Corporation SC900AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900A
Electrical Characteristics (Cont.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
LDO Regulators
Quiescent Supply Current
I
Q
All LDOs active in
default states
190
360
μA
Quiescent Supply Current
at Start-Up
I
QSUP
LDO A, B, C active in default states
V
OUT + 0.5V < VIN < 5.5V
125
μA
Current Limit
I
LIM
250
410
650
mA
Bypass Capacitor
C
BYP
Ceramic, low ESR
2.2
μF
LDO Regulator A (Core Supply)
Output Voltage Accuracy
VOA
A
1.45V ≤ V
OUT ≤ 3.00V
V
OUT + 0.2V ≤ VIN ≤ 5.5V
I
OUT = 1mA, TA = 25°C
-3
+3
%
Output Voltage Accuracy at
2.80V (DAC = 11011)
VOAS
A
I
OUT = 1mA
-2
+2
%
Output Voltage Accuracy at
1.80V (DAC = 00011)
I
OUT = 1mA, TA = 25°C
-3
+3
%
Output Voltage Accuracy at
2.80V (DAC = 11011)
V
OUT + 0.5V ≤ VIN ≤ 5.5V,
I
OUT = 200mA
-3.5
+3.5
%
Maximum Output Current
IOMAX
A
200
mA
Default Setting: ON
VO
A-HI
VASEL - High
2.80
V
VO
A-LO
VASEL - Low
1.80
V
Line Regulation at 1.8V, 2.8V
LINEREG
A
I
OUT = 1mA, VOUT + 0.2V < VIN < 5.5V
2.5
12
mV
Load Regulation at 1.8V, 2.8V
LOADREG
A
1mA < I
OUT <200mA
-3
-20
mV
Dropout Voltage
V
DA
V
OUT = 3.0V, IOUT = 200mA
200
250
mV
Power Supply Rejection Ratio
PSRR
A
f = 10Hz - 1kHz, C
BYP = 0.1μF,
I
OUT = 50mA,
2.5V ≤ V
OUT ≤ 3.0V
60
dB
Output Voltage Noise(2)
e
n-A
f = 10Hz - 100kHz, I
OUT = 50mA,
C
VREF = 0.1μF, COUT = 2.2μF,
2.5V ≤ V
OUT ≤ 3.0V
45
μV
RMS
LDO Regulator B (DIGITAL I/O SUPPLY)
Output Voltage Accuracy
VOA
B
1.45V ≤ V
OUT ≤ 3.00V
V
OUT + 0.15V ≤ VIN ≤ 5.5V
I
OUT = 1mA, TA = 25°C
-3
+3
%
Output Voltage Accuracy at
2.80V (DAC = 11011)
VOAS
B
I
OUT = 1mA
-2
+2
%
V
OUT + 0.5V ≤ VIN ≤ 5.5V,
I
OUT = 150mA
-3.5
+3.5
%
Maximum Output Current
IOMAX
B
150
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com