Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC905AEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC905AEVB
Description  CDMA Cellular Phone Power Management IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC905AEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC905AEVB Datasheet HTML 1Page - Semtech Corporation SC905AEVB Datasheet HTML 2Page - Semtech Corporation SC905AEVB Datasheet HTML 3Page - Semtech Corporation SC905AEVB Datasheet HTML 4Page - Semtech Corporation SC905AEVB Datasheet HTML 5Page - Semtech Corporation SC905AEVB Datasheet HTML 6Page - Semtech Corporation SC905AEVB Datasheet HTML 7Page - Semtech Corporation SC905AEVB Datasheet HTML 8Page - Semtech Corporation SC905AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC905A
Parameter
Symbol
Condition
Min
Typ
Max
Units
Default At Start-Up: OFF
V
OUT
3.05
V
Line Regulation
REG
LINE
I
OUT = 1mA, VOUT +0.35V < VIN < 5.5V
2.5
12
mV
Load Regulation
REG
LOAD
1mA < I
OUT < 80mA
-3
-20
mV
Dropout Voltage
V
DO
V
OUT = 3.10V, IOUT = 80mA
200
250
mV
Power Supply Rejection Ratio
PSRR
PLL
f = 10Hz - 1kHz, C
OUT = 1μF, IOUT = 50mA
65
dB
Output Voltage Noise
e
n
f = 10Hz - 100kHz, I
OUT = 50mA,
C
BP= 0.1μF, COUT = 1μF
45
μV
RMS
LDO Regulator (MOT) - 150mA
Output Voltage Accuracy(3)
∆V
OUT
1.75V ≤ V
OUT ≤ 3.30V, IOUT = 1mA,
V
OUT +0.35V ≤ VIN ≤ 5.5V
-75
+75
mV
Current Limit
I
LIM
V
MOT = 0V
250
650
mA
Default at Start-Up: OFF
V
OUT
1.80
V
Line Regulation
REG
LINE
I
OUT = 1mA, VOUT +0.35V < VIN < 5.5V
2.5
12
mV
Load Regulation
REG
LOAD
1mA < I
OUT < 150mA
-3
-20
mV
Dropout Voltage
V
DO
V
OUT = 3.30V, IOUT = 150mA
200
250
mV
Power Supply Rejection Ratio
PSRR
MOT
f = 10Hz - 1kHz, C
OUT = 1μF, IOUT = 50mA
50
dB
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com