Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC905AEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC905AEVB
Description  CDMA Cellular Phone Power Management IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC905AEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC905AEVB Datasheet HTML 10Page - Semtech Corporation SC905AEVB Datasheet HTML 11Page - Semtech Corporation SC905AEVB Datasheet HTML 12Page - Semtech Corporation SC905AEVB Datasheet HTML 13Page - Semtech Corporation SC905AEVB Datasheet HTML 14Page - Semtech Corporation SC905AEVB Datasheet HTML 15Page - Semtech Corporation SC905AEVB Datasheet HTML 16Page - Semtech Corporation SC905AEVB Datasheet HTML 17Page - Semtech Corporation SC905AEVB Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC905A
Digital LDO Voltage Tables A and B
A 5-bit linear DAC controls the output voltage of each LDO. The DAC and error-amp gain are scaled so that the LSB
size at the output is 50mV. Output voltage can be set by writing the proper code to the desired LDO register. See Table
A for the bitcodes and their corresponding voltages for LDO CORE, and Table B for bitcodes and their corresponding
voltages for LDOs PAD, MOT and CAM.
TABLE A - Output Voltage Code Bits for VCORE
X4
X3
X2
X1
X0
LDO Output
Voltage
0
0
0
0
0
1.35V
0
0
0
0
1
1.40V
0
0
0
1
0
1.45V
0
0
0
1
1
1.50V
0
0
1
0
0
1.55V
0
0
1
0
1
1.60V
0
0
1
1
0
1.65V
0
0
1
1
1
1.70V
0
1
0
0
0
1.75V
0
1
0
0
1
1.80V
0
1
0
1
0
1.85V
0
1
0
1
1
1.90V
0
1
1
0
0
1.95V
0
1
1
0
1
2.00V
0
1
1
1
0
2.05V
0
1
1
1
1
2.10V
1
0
0
0
0
2.15V
1
0
0
0
1
2.20V
1
0
0
1
0
2.25V
1
0
0
1
1
2.30V
1
0
1
0
0
2.35V
1
0
1
0
1
2.40V
1
0
1
1
0
2.45V
1
0
1
1
1
2.50V
1
1
0
0
0
2.55V
1
1
0
0
1
2.60V
1
1
0
1
0
2.65V
1
1
0
1
1
2.70V
1
1
1
0
0
2.75V
1
1
1
0
1
2.80V
1
1
1
1
0
2.85V
1
1
1
1
1
2.90V
Register Map (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com