Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC905AEVB Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC905AEVB
Description  CDMA Cellular Phone Power Management IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC905AEVB Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC905AEVB Datasheet HTML 15Page - Semtech Corporation SC905AEVB Datasheet HTML 16Page - Semtech Corporation SC905AEVB Datasheet HTML 17Page - Semtech Corporation SC905AEVB Datasheet HTML 18Page - Semtech Corporation SC905AEVB Datasheet HTML 19Page - Semtech Corporation SC905AEVB Datasheet HTML 20Page - Semtech Corporation SC905AEVB Datasheet HTML 21Page - Semtech Corporation SC905AEVB Datasheet HTML 22Page - Semtech Corporation SC905AEVB Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC905A
Typical Characteristics (Cont.)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
5.9
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
0
5
10
15
20
25
30
35
40
45
0
255075
100
125
150
175
200
T = 85˚C
T = 25˚C
T = -40˚C
VOUT = 1.35V
VOUT = 2.90V
Frequency (Hz)
Frequency (Hz)
Input Voltage (V)
Load Current (mA)
PSRR vs. Frequency (Analog LDOs)
V
OUT = VOUT(MAX), VIN = 3.7V, ILOAD = 50mA
Safe Operating Limits
Output Noise vs. Load Current (Analog LDOs)
V
OUT = VOUT(MAX), VIN = 3.7V
PSRR vs. Frequency (Digital LDOs)
V
OUT = VOUT(MAX), VIN = 3.7V, ILOAD = 50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com