Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC905AEVB Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC905AEVB
Description  CDMA Cellular Phone Power Management IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC905AEVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC905AEVB Datasheet HTML 12Page - Semtech Corporation SC905AEVB Datasheet HTML 13Page - Semtech Corporation SC905AEVB Datasheet HTML 14Page - Semtech Corporation SC905AEVB Datasheet HTML 15Page - Semtech Corporation SC905AEVB Datasheet HTML 16Page - Semtech Corporation SC905AEVB Datasheet HTML 17Page - Semtech Corporation SC905AEVB Datasheet HTML 18Page - Semtech Corporation SC905AEVB Datasheet HTML 19Page - Semtech Corporation SC905AEVB Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC905A
Analog LDO Voltage Tables C and D
The bit code controls the output voltage of each LDO. The LSB size at the output is 50mV. Output voltage can be set
by writing the proper code to the desired LDO register. See Table C for the bitcodes and their corresponding voltages
for LDO ANA, and Table D for the bitcodes and their corresponding voltages for LDOs TCXO, TX, RX and PLL.
TABLE C - Output Voltage Code Bits for LDO VANA
X2
X1
X0
LDO Output
Voltage
0
0
0
2.55V
0
0
1
2.60V
0
1
0
2.65V
0
1
1
2.70V
1
0
0
2.75V
1
0
1
2.80V
1
1
0
2.85V
1
1
1
2.90V
TABLE D - Output Voltage Code Bits for LDOs VTCXO, VTX, VRX, VPLL
X2
X1
X0
LDO Output
Voltage
0
0
0
2.75V
0
0
1
2.80V
0
1
0
2.85V
0
1
1
2.90V
1
0
0
2.95V
1
0
1
3.00V
1
1
0
3.05V
1
1
1
3.10V
Register Map (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com