Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC905AEVB Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC905AEVB
Description  CDMA Cellular Phone Power Management IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC905AEVB Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC905AEVB Datasheet HTML 7Page - Semtech Corporation SC905AEVB Datasheet HTML 8Page - Semtech Corporation SC905AEVB Datasheet HTML 9Page - Semtech Corporation SC905AEVB Datasheet HTML 10Page - Semtech Corporation SC905AEVB Datasheet HTML 11Page - Semtech Corporation SC905AEVB Datasheet HTML 12Page - Semtech Corporation SC905AEVB Datasheet HTML 13Page - Semtech Corporation SC905AEVB Datasheet HTML 14Page - Semtech Corporation SC905AEVB Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC905A
means that these LDOs are on when there is a ‘1’ in their
respective bit locations (register 6, bit 3 for VTCXO, register
2, bit 6 for VMOT), or if their external enable pins are pulled
HIGH. To turn these LDOs off the I2C on/off control bit
must be ‘0’ and the external enable must be pulled LOW.
The state of EN_TCXO and EN_MOT can be established by
reading bits 0 and 2, respectively, in the Status Register.
VCSEL & VPSEL Pin
The VCSEL & VPSEL pins set the default voltage of CORE
and PAD LDOs respectively. When the VCSEL pin is set to
VIN the default voltage for the CORE LDO is 1.80V. When
this pin is set to GND the default voltage for the CORE LDO
is 1.35V. Likewise, when the VPSEL pin is set to VIN the
default voltage for the PAD LDO is 3.00V. When this pin is
set to GND, the default voltage for the PAD LDO is 2.20V.
In both cases the VCSEL and VPSEL pins must be tied to
GND or VIN prior to the device being powered on. This
voltage cannot change on the fly by switching the pin
voltage between VIN or GND once the device is on. The
voltage can be changed from its default state after start-up
by writing to the appropriate voltage code register.
Active Shutdown
The shutdown control bits determine how the on-chip
active shutdown switches behave. Register 7 is the
active shutdown control register and is used to control the
shutdown behavior. Each LDO has a specific shutdown
bit assigned to it. When the active shutdown bit is enabled
(set to 1), the output capacitance on the LDO output is
discharged by an on-chip FET when the LDO is disabled.
When the active shutdown bit is disabled (set to 0), the
output capacitance on the LDO output is discharged by
the load. The default state for each LDO active shutdown
bit is on.
Default Status Bit
In many multi-threaded environments it is necessary to
maintain synchronization between the host micro-controller
and the target IC. The SC905A has a default status bit
(DSB) that will facilitate this task. The DSB can be useful
in keeping the MSM and the SC905A synchronized.
However, this is only useful if the MSM is powered by an
external switching regulator such as Semtech’s SC190A
switching regulator.
The DSB is bit 7 of register 0, and shares this register space
with the PAD voltage control bits. The DSB is only set to 1
during power-up to indicate that the part is set to the default
state. Moreover, the DSB cannot be written to a 1 through
the I2C interface the way the other bits in this register can;
it can only be cleared to 0 through the I2C interface. This
feature prevents a software race condition by always writing
to register 0 with bit 7 high when changing the PAD control
voltage. To clear the bit simply write a 0 to bit 7.
Applying the DSB
Upon power-up, the SC905A LDOs and internal registers are
set to their default state. The DSB is set to a 1 to indicate
that the SC905A is in its default state. Upon reading this
defaulted state condition, the MSM knows to perform
whatever synchronization is needed to set the SC905A
into a known user state. This user state is entered by a
two-stage process.
1) The MSM writes a 0 to the DSB indicating its desire to
modify the state of the SC905A. It then writes all of the
correct register information to the SC905A to set it to the
user state.
2) The MSM reads back all of the information to verify the
data. Then it reads back the DSB again to ensure it is
still set to 0. This verifies that no reset took place during
the time that the multiple writes and read verifications
happened. If the DSB has been reset to 1, this process
needs to be repeated since the chip was reset sometime
during the initialization. Once the MSM and the SC905A
are synchronized, the DSB can be read back as a status
check periodically, as needed. If it is ever set back to the
default state, a new synchronization process is required.
This handshake-style protocol makes sure that the MSM
and SC905A are always synchronized.
LDO Power-On Sequence
When the SC905A first turns on, the four LDOs that default
on are sequenced in the following fashion: 1) CORE, 2) PAD,
3) ANA, 4) TCXO. During the power-on sequence, there is
a 200μs delay between CORE and PAD to allow the output
of CORE to reach 1.2V before PAD is turned on, a delay of
100μs between PAD and ANA turning on, and a delay of
100μs between ANA and TCXO turning on. This process
eliminates large voltage spikes across the battery supply
during power-up. (For further information on LDO power
on sequencing, refer to the Timing Diagram on page 19.)
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com