Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC905AEVB Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC905AEVB
Description  CDMA Cellular Phone Power Management IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC905AEVB Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC905AEVB Datasheet HTML 14Page - Semtech Corporation SC905AEVB Datasheet HTML 15Page - Semtech Corporation SC905AEVB Datasheet HTML 16Page - Semtech Corporation SC905AEVB Datasheet HTML 17Page - Semtech Corporation SC905AEVB Datasheet HTML 18Page - Semtech Corporation SC905AEVB Datasheet HTML 19Page - Semtech Corporation SC905AEVB Datasheet HTML 20Page - Semtech Corporation SC905AEVB Datasheet HTML 21Page - Semtech Corporation SC905AEVB Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC905A
Stop-Separated Reads
Stop-separated reads can also be used. This format allows a master to set up the register address pointer for a read
and return to that slave at a later time to read the data. In this format the slave address followed by a write command
are sent after a start [S] condition. The SC905A then acknowledges it is being addressed, and the master responds
with the 8-bit register address. The master sends a stop or restart condition and may then address another slave. After
performing other tasks, the master can send a start or restart condition to the SC905A with a read command. The
SC905A acknowledges this request and returns the data from the register location that had previously been set up.
Slave Address
Register Address
Slave Address B
Data
NACK
S
W A
A
S/Sr
R A
P
P
Slave Address A
S
S: Start Condition
Slave Address: 7-bit
W: Write = ‘0’
Register Address: 8-bit
R: Read = ‘1’
Data: 8-bit
A: Acknowledge (sent by slave)
NACK: Non-Acknowledge (sent by master)
Sr: Repeated Start Condition
P: Stop condition
I
2C Stop Separated Format- Read
Register Address Setup Access
Master Addresses
other Slaves
Register Read Access
Using the I2C Serial Port (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com