Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6566
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566 Datasheet(HTML) 1 Page - STMicroelectronics

  L6566_07 Datasheet HTML 1Page - STMicroelectronics L6566_07 Datasheet HTML 2Page - STMicroelectronics L6566_07 Datasheet HTML 3Page - STMicroelectronics L6566_07 Datasheet HTML 4Page - STMicroelectronics L6566_07 Datasheet HTML 5Page - STMicroelectronics L6566_07 Datasheet HTML 6Page - STMicroelectronics L6566_07 Datasheet HTML 7Page - STMicroelectronics L6566_07 Datasheet HTML 8Page - STMicroelectronics L6566_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
August 2007
Rev 1
1/51
51
L6566A
Multi-mode controller for SMPS with PFC front-end
Features
■ Selectable multi-mode operation:
fixed frequency or quasi-resonant
■ On-board 700 V high-voltage start-up
■ Advanced light load management
■ Low quiescent current (< 3 mA)
■ Adaptive UVLO
■ Line feedforward for constant power capability
vs. mains voltage
■ Pulse-by-pulse OCP, shutdown on overload
(latched or autorestart)
■ Transformer saturation detection
■ Switched supply rail for PFC controller
■ Latched or autorestart OVP
■ Brownout protection
■ -600/+800 mA totem pole gate driver with
active pull-down during UVLO
■ SO16N package
Applications
■ Notebook, TV &LCD monitors adapters
■ High power chargers
■ PDP/LCD TV
■ Consumer appliances, like DVD, VCR, set-top
box
■ IT equipment, games, aux. power supplies
■ Power supplies in excess of 150 W
SO16N
www.st.com
Figure 1.
Block diagram
+
-
+
-
ZERO CURRENT
DETECTOR
50 mV
100 mV
VCC
915
7
ZCD
COMP
VFF
CS
GD
4
11
GND
3
LINE VOLTAGE
FEEDFORWARD
1.5 V
+
-
4.5V
DIS
8
LATCH
LEB
14V
Ref erence
voltages
5
VCC
10
Internal supply
VREF
UVLO
VOLTAGE
REGULATOR
&
ADAPTIVE UVLO
Vcc_PFC
6
IC_LATCH
DISABLE
UVLO
IC_LATCH
Q
12
+
-
AC_FAIL
13
AC_FAIL
UVLO_SHF
VCC
5.7V
1
HV
SOFT-START
&
FAULT MNGT
14
SS
OSC
MODE/SC
+-
OSCILLATOR
R
S
Q
MODE SELECTION
&
TURN-ON LOGIC
OVERVOLTAGE
PROTECTION
7.7V
OCP
PWM
TIME
OUT
TIME
OUT
+
-
Vth
BURST-MODE
LOW CLAMP
& DISABLE
OFF2
OFF2
Icharge
Hiccup-mode
OCP logic
400 uA
DRIVER
OCP2
6.4V
VCC
1 mA
OVPL
OVP
OVPL
OVP
OCP2
+
-
0.450V
0.485V
AC_OK
16
15 µA
3 V


Similar Part No. - L6566_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6566A STMICROELECTRONICS-L6566A Datasheet
543Kb / 51P
Multi-mode controller for SMPS with PFC front-end
29-May-2008
L6566ATR STMICROELECTRONICS-L6566ATR Datasheet
543Kb / 51P
Multi-mode controller for SMPS with PFC front-end
29-May-2008
L6566A STMICROELECTRONICS-L6566A_08 Datasheet
543Kb / 51P
Multi-mode controller for SMPS with PFC front-end
29-May-2008
L6566B STMICROELECTRONICS-L6566B Datasheet
485Kb / 51P
Multi-mode controller for SMPS
20-Aug-2007
L6566B STMICROELECTRONICS-L6566B Datasheet
536Kb / 51P
Multi-mode controller for SMPS
29-May-2008
More results

Similar Description - L6566_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6566B STMICROELECTRONICS-L6566B Datasheet
485Kb / 51P
Multi-mode controller for SMPS
20-Aug-2007
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
L6566A STMICROELECTRONICS-L6566A_08 Datasheet
543Kb / 51P
Multi-mode controller for SMPS with PFC front-end
29-May-2008
L6566B STMICROELECTRONICS-L6566B_08 Datasheet
536Kb / 51P
Multi-mode controller for SMPS
29-May-2008
logo
Power Integrations, Inc...
PLC810PG POWERINT-PLC810PG Datasheet
1Mb / 26P
Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
TRANSITION MODE PFC CONTROLLER
logo
Skyworks Solutions Inc.
SKY68011-31 SKYWORKS-SKY68011-31 Datasheet
157Kb / 2P
LTE Multi-Band Front-End Module for IoT
logo
Shindengen Electric Mfg...
MH2501SC SHINDENGEN-MH2501SC Datasheet
1Mb / 33P
Easy Multi Interleave Controller for multi-phase interleaved PFC
logo
Monolithic Power System...
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
Boundary Mode PFC Controller
logo
Microchip Technology
PD70210 MICROCHIP-PD70210 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com