Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6566
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6566_07 Datasheet HTML 28Page - STMicroelectronics L6566_07 Datasheet HTML 29Page - STMicroelectronics L6566_07 Datasheet HTML 30Page - STMicroelectronics L6566_07 Datasheet HTML 31Page - STMicroelectronics L6566_07 Datasheet HTML 32Page - STMicroelectronics L6566_07 Datasheet HTML 33Page - STMicroelectronics L6566_07 Datasheet HTML 34Page - STMicroelectronics L6566_07 Datasheet HTML 35Page - STMicroelectronics L6566_07 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Application information
L6566A
32/51
Figure 19. Possible interfaces between the L6566A and a PFC controller
To prevent intermittent operation of the PFC stage, some hysteresis is provided: if the
internal switch is open, it will be closed (which will re-enable the PFC pre-regulator) when
VCOMP exceeds VCOMPL > VCOMPO. Additionally, to reject VCOMP undershoots during
transients VCOMP must stay below VCOMPO for more than 1024 oscillator cycles in order for
the Vcc_PFC pin to open. Entering burst-mode (VCOMP < VCOMPBM) will open Vcc_PFC
immediately.
Besides pin 6 going open, when VCOMP falls below VCOMPO the UVLO threshold is set 2.4 V
below to compensate for the drop of the voltage delivered by the self-supply circuit that
occurs at light load (see Section 5.4: Adaptive UVLO on page 25).
5.9
Latched disable function
The device is equipped with a comparator having the non-inverting input externally available
at the pin DIS (8) and with the inverting input internally referenced to 4.5V. As the voltage on
the pin exceeds the internal threshold, the device is immediately shut down and its
consumption reduced to a low value.
The information is latched and it is necessary to let the voltage on the Vcc pin go below the
UVLO threshold to reset the latch and restart the device. To keep the latch supplied as long
as the converter is connected to the input source, the HV generator is activated periodically
so that Vcc oscillates between the start-up threshold VccON and VccON - 0.5V. Activating the
HV generator in this way cuts its power dissipation approximately by three (as compared to
the case of continuous conduction) and keeps peak silicon temperature close to the average
value.
To let the L6566A restart it is then necessary to disconnect the converter from the input
source. Pulling pin 16 (AC_OK) below the disable threshold (see Section 5.12: Brownout
protection on page 38
) will stop the HV generator until Vcc falls below Vccrestart, so that the
latch can be cleared and a quicker restart is allowed as the input source is removed. This
operation is shown in the timing diagram of Figure 20.
This function is useful to implement a latched overtemperature protection very easily by
biasing the pin with a divider from VREF, where the upper resistor is an NTC physically
located close to a heating element like the MOSFET, or the transformer. The DIS pin is a
high impedance input, thus it is prone to pick up noise, which might give origin to undesired
latch-off of the device. It is possible to bypass the pin to ground with a small film capacitor
(e.g. 1-10 nF) to prevent any malfunctioning of this kind.
L6566A
Vcc_PFC
6
5
Vcc
Vcc
L6566A
Vcc_PFC
6
L6563
5
Vcc
RUN
4.7k
Ω
22 k
Ω
10
L6561
L6562
L6563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com