Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6566
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6566_07 Datasheet HTML 23Page - STMicroelectronics L6566_07 Datasheet HTML 24Page - STMicroelectronics L6566_07 Datasheet HTML 25Page - STMicroelectronics L6566_07 Datasheet HTML 26Page - STMicroelectronics L6566_07 Datasheet HTML 27Page - STMicroelectronics L6566_07 Datasheet HTML 28Page - STMicroelectronics L6566_07 Datasheet HTML 29Page - STMicroelectronics L6566_07 Datasheet HTML 30Page - STMicroelectronics L6566_07 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
L6566A
Application information
27/51
Figure 15. Externally controlled burst-mode operation by driving pin COMP: timing
diagram
5.6
PWM comparator, PWM latch and voltage feedforward blocks
The PWM comparator senses the voltage across the current sense resistor Rs and, by
comparing it to the programming signal delivered by the feedforward block, determines the
exact time when the external MOSFET is to be switched off. Its output resets the PWM
latch, previously set by the oscillator or the ZCD triggering block, which will assert the gate
driver output low. The use of PWM latch avoids spurious switching of the MOSFET that
might result from the noise generated ("double-pulse suppression").
Cycle-by-cycle current limitation is realized with a second comparator (OCP comparator)
that senses the voltage across the current sense resistor Rs as well and compares this
voltage to a reference value VCSX. Its output is or-ed with that of the PWM comparator (see
the circuit schematic in Figure 17 on page 29). In this way, if the programming signal
delivered by the feedforward block and sent to the PWM comparator exceeds VCSX, it will be
the OCP comparator to reset first the PWM latch instead of the PWM comparator. The value
of Vcsx, thereby, determines the overcurrent setpoint along with the sense resistor Rs.
The power that QR flyback converters with a fixed overcurrent setpoint (like fixed-frequency
systems) are able to deliver changes with the input voltage considerably. Obviously, this is
not a problem if the flyback converter runs off a fixed voltage bus generated by the PFC pre-
regulator; however, with a tracking boost PFC (a "boost follower" PFC), the regulated output
voltage at maximum mains voltage can be even twice the value at minimum mains voltage.
In this case the issue is still there, although not as big as without PFC and wide-range
mains. With a 1:2 voltage change, the maximum transferable power at maximum line can be
50% higher than at minimum line, as shown by the upper curve in the diagram of Figure 16.
The L6566A has the Line Feedforward function available to solve this issue.
Vcc
(pin 5)
GD
(pin 4)
Vcc_OK
VccON
VccOFF
Vccrestart
Icharge
0.85 mA
Standby is commanded here
t
t
t
t
t
Vcc_PFC
(pin 6)
t
COMP
(pin 9)
t
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com