Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6566
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6566_07 Datasheet HTML 29Page - STMicroelectronics L6566_07 Datasheet HTML 30Page - STMicroelectronics L6566_07 Datasheet HTML 31Page - STMicroelectronics L6566_07 Datasheet HTML 32Page - STMicroelectronics L6566_07 Datasheet HTML 33Page - STMicroelectronics L6566_07 Datasheet HTML 34Page - STMicroelectronics L6566_07 Datasheet HTML 35Page - STMicroelectronics L6566_07 Datasheet HTML 36Page - STMicroelectronics L6566_07 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
L6566A
Application information
33/51
Figure 20. Operation after latched disable activation: timing diagram
5.10
Soft-start and delayed latched shutdown upon overcurrent
At device start-up, a capacitor (Css) connected between the SS pin (14) and ground is
charged by an internal current generator, ISS1, from zero up to about 2V where it is clamped.
During this ramp, the overcurrent setpoint progressively rises from zero to the value
imposed by the voltage on the VFF pin (15, see “PWM Comparator, PWM Latch and Voltage
Feedforward blocks
”); MOSFET’s conduction time increases gradually, hence controlling the
start-up inrush current. The time needed for the overcurrent setpoint to reach its steady
state value, referred to as soft-start time, is approximately:
Equation 9
During the ramp (i.e. until VSS = 2 V) all the functions that monitor the voltage on pin COMP
are disabled.
The soft-start pin is also invoked whenever the control voltage (COMP) saturates high,
which reveals an open-loop condition for the feedback system. This condition very often
occurs at start-up, but may be also caused by either a control loop failure or a converter
overload/short circuit. A control loop failure results in an output overvoltage that is handled
by the OVP function of the L6566A (see next section). In case of QR operation, a short
circuit causes the converter to run at a very low frequency, then with very low power
capability. This makes the self-supply system that powers the device unable to keep it
Vcc
(pin 5)
GD
(pin 4)
Vin
VccON
VccON -0.5
t
t
t
t
4.5V
VccOFF
DIS
(pin 8)
Vccrestart
VHVstart
HV generator is turned on
HV generator turn-on is disabled here
Input source is removed here
Vcc_PFC
(pin 6)
t
AC_OK
(pin 16)
Vth
Disable latch is reset here
Restart is quicker
t
⎟⎟⎠
⎞
⎜⎜⎝
⎛ −
=
=
3
V
1
I
Css
)
V
(
V
I
Css
T
VFF
1
SS
VFF
csx
1
SS
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com