Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6566
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6566_07 Datasheet HTML 27Page - STMicroelectronics L6566_07 Datasheet HTML 28Page - STMicroelectronics L6566_07 Datasheet HTML 29Page - STMicroelectronics L6566_07 Datasheet HTML 30Page - STMicroelectronics L6566_07 Datasheet HTML 31Page - STMicroelectronics L6566_07 Datasheet HTML 32Page - STMicroelectronics L6566_07 Datasheet HTML 33Page - STMicroelectronics L6566_07 Datasheet HTML 34Page - STMicroelectronics L6566_07 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
L6566A
Application information
31/51
Figure 18. Hiccup-mode OCP: timing diagram
5.8
PFC interface
The device is specifically designed to minimize converter’s losses under light or no-load
conditions, and a special function has been provided to help the designer meet energy
saving requirements even in power-factor-corrected systems where a PFC pre-regulator
precedes the isolated DC-DC converter.
Actually EMC regulations require compliance with low-frequency harmonic emission limits
at nominal load; no limit is envisaged when the converter operates with a light load. Then
the PFC pre-regulator can be turned off, thus saving the no-load consumption of this stage
(0.5
÷1W).
To do so, the L6566A provides the Vcc_PFC pin (6): this pin is internally connected to the
Vcc pin (5) via a PNP transistor, normally closed, that opens when the voltage VCOMP falls
below VCOMPO, a threshold internally set at a value depending on whether QR operation or
FF operation is selected. This pin is intended for supplying the PFC controller of the pre-
regulator as shown in Figure 16 on page 28. The switch is thermally protected, so that the
IC will stop if an external failure causes the pin to be overloaded for too long time or shorted
to ground.
Vcc
(pin 5)
GD
(pin 4)
OCP latch
VccON
VccOFF
Vccrestart
Secondary diode is shorted here
t
t
t
t
VCS
(pin 7)
Vcc_OK
t
1.5 V
Vcc_PFC
(pin 6)
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com