Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6566
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6566_07 Datasheet HTML 13Page - STMicroelectronics L6566_07 Datasheet HTML 14Page - STMicroelectronics L6566_07 Datasheet HTML 15Page - STMicroelectronics L6566_07 Datasheet HTML 16Page - STMicroelectronics L6566_07 Datasheet HTML 17Page - STMicroelectronics L6566_07 Datasheet HTML 18Page - STMicroelectronics L6566_07 Datasheet HTML 19Page - STMicroelectronics L6566_07 Datasheet HTML 20Page - STMicroelectronics L6566_07 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
L6566A
Application information
17/51
5
Application information
The L6566A is a versatile peak-current-mode PWM controller specific for offline flyback
converters. The device allows either Fixed-Frequency (FF) or Quasi-Resonant (QR)
operation, selectable with the pin MODE/SC (12): forcing the voltage on the pin over 3V (e.g.
by tying it to the 5V reference externally available at pin VREF, 10) will activate QR
operation, otherwise the device will be FF-operated.
Irrespective of the operating option selected by pin 12, the device is able to work in different
modes, depending on the converter's load conditions. If QR operation is selected (see
Figure 4
):
1.
QR mode at heavy load. Quasi-resonant operation lies in synchronizing MOSFET's
turn-on to the transformer's demagnetization by detecting the resulting negative-going
edge of the voltage across any winding of the transformer. Then the system works
close to the boundary between discontinuous (DCM) and continuous conduction
(CCM) of the transformer. As a result, the switching frequency will be different for
different line/load conditions (see the hyperbolic-like portion of the curves in Figure 4).
Minimum turn-on losses, low EMI emission and safe behavior in short circuit are the
main benefits of this kind of operation.
2.
Valley-skipping mode at medium/ light load. The externally programmable oscillator of
the L6566A, synchronized to MOSFET's turn-on, enables the designer to define the
maximum operating frequency of the converter. As the load is reduced MOSFET's turn-
on will not any more occur on the first valley but on the second one, the third one and
so on. In this way the switching frequency will no longer increase (piecewise linear
portion in Figure 4).
3.
Burst-mode with no or very light load. When the load is extremely light or disconnected,
the converter will enter a controlled on/off operation with constant peak current.
Decreasing the load will then result in frequency reduction, which can go down even to
few hundred hertz, thus minimizing all frequency-related losses and making it easier to
comply with energy saving regulations or recommendations. Being the peak current
very low, no issue of audible noise arises.
Figure 4.
Multi-mode operation with QR option active
0
0
fsw
Pinmax
Input voltage
Pin
fosc
Burst-mode
Valley-skipping
mode
Quasi-resonant mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com