Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331AL Datasheet(PDF) 7 Page - STMicroelectronics

Part # LIS331AL
Description  MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331AL Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LIS331AL Datasheet HTML 3Page - STMicroelectronics LIS331AL Datasheet HTML 4Page - STMicroelectronics LIS331AL Datasheet HTML 5Page - STMicroelectronics LIS331AL Datasheet HTML 6Page - STMicroelectronics LIS331AL Datasheet HTML 7Page - STMicroelectronics LIS331AL Datasheet HTML 8Page - STMicroelectronics LIS331AL Datasheet HTML 9Page - STMicroelectronics LIS331AL Datasheet HTML 10Page - STMicroelectronics LIS331AL Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LIS331AL
Mechanical and electrical specifications
7/16
2
Mechanical and electrical specifications
2.1
Mechanical characteristics.
Table 3.
Mechanical characteristics(1) (2)
1.
The product is factory calibrated at 3.3V. The operational power supply range is from 3.0V to 3.6V. Voff, So and Vt
parameters will vary with supply voltage.
2.
Temperature range -40°C to +85°C. All the parameters are specified @ Vdd =3.3V, T = 25°C unless otherwise noted
Symbol
Parameter
Test condition
Min.
Typ.(3)
3.
Typical specifications are not guaranteed
Max.
Unit
Ar
Acceleration range(4)
4.
Guaranteed by wafer level test and measurement of initial offset and sensitivity
±2.0
g
So
Sensitivity(5)
0.145*Vdd -
5%
0.145*Vdd
0.145Vdd+
5%
V/g
SoDr
Sensitivity change vs
temperature
Delta from +25°C
±0.01
%/°C
Voff
Zero-g level(5)
5.
Zero-g level and sensitivity are essentially ratiometric to supply voltage at the calibration level
±8%
Vdd/2-6%
Vdd/2
Vdd/2+6%
V
OffDr
Zero-g level change Vs
Temperature
Delta from +25°C
0.5
mg/°C
NL
Non linearity(6)
6.
Guaranteed by design
Best fit straight line
±0.5
% FS
CrossAx Cross-axis(7)
7.
Contribution to the measuring output of an inclination/acceleration along any perpendicular axis
±2%
An
Acceleration noise
density
300
µg/
Vt
Self test output voltage
change(8)
8.
“Self test output voltage change” is defined as Vout(Vst=Logic1)-Vout(Vst=Logic0)
X axis
+150
mV
Y axis
+150
mV
Z axis
+150
mV
Fres
Sensing element
resonant frequency(9)
9.
Minimum resonance frequency Fres=2.0kHz. Sensor bandwidth=1/(2*
π*32kΩ*Cload)
X,Y,Z axis
2.0
kHz
Top
Operating temperature
range
-40
+85
°C
Wh
Product weight
0.030
gram
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com