Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331AL Datasheet(PDF) 5 Page - STMicroelectronics

Part # LIS331AL
Description  MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331AL Datasheet(HTML) 5 Page - STMicroelectronics

  LIS331AL Datasheet HTML 1Page - STMicroelectronics LIS331AL Datasheet HTML 2Page - STMicroelectronics LIS331AL Datasheet HTML 3Page - STMicroelectronics LIS331AL Datasheet HTML 4Page - STMicroelectronics LIS331AL Datasheet HTML 5Page - STMicroelectronics LIS331AL Datasheet HTML 6Page - STMicroelectronics LIS331AL Datasheet HTML 7Page - STMicroelectronics LIS331AL Datasheet HTML 8Page - STMicroelectronics LIS331AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LIS331AL
Block diagram & pins description
5/16
1
Block diagram & pins description
1.1
Block diagram
Figure 1.
Block diagram
1.2
Pin description
Figure 2.
Pin connection
S/H
S/H
Routx
Routz
REFERENCE
TRIMMING
CLOCK
S/H
Routy
CHARGE
AMPLIFIER
MUX
DEMUX
Voutx
Voutz
Vouty
Y+
Z+
Y-
Z-
X+
X-
a
SELF TEST
ST
Pd
CIRCUIT
(Bottom view)
res
res
NC
ST
NC
Vouty
NC
Voutz
1
5
9
13
(Top view)
Direction of the detectable
Y
1
X
Z
PD
Voutx
accelerations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com