Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331AL Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS331AL
Description  MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331AL Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS331AL Datasheet HTML 6Page - STMicroelectronics LIS331AL Datasheet HTML 7Page - STMicroelectronics LIS331AL Datasheet HTML 8Page - STMicroelectronics LIS331AL Datasheet HTML 9Page - STMicroelectronics LIS331AL Datasheet HTML 10Page - STMicroelectronics LIS331AL Datasheet HTML 11Page - STMicroelectronics LIS331AL Datasheet HTML 12Page - STMicroelectronics LIS331AL Datasheet HTML 13Page - STMicroelectronics LIS331AL Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Mechanical and electrical specifications
LIS331AL
10/16
over lifetime. The Zero-g level tolerance describes the range of Zero-g levels of a population
of sensors.
Self Test allows to test the mechanical and electric part of the sensor, allowing the seismic
mass to be moved by means of an electrostatic test-force. The Self Test function is off when
the ST pin is connected to GND. When the ST pin is tied at Vdd an actuation force is applied
to the sensor, simulating a definite input acceleration. In this case the sensor outputs will
exhibit a voltage change in their DC levels which is depending on the Supply Voltage
through the device sensitivity. When ST is activated, the device output level is given by the
algebraic sum of the signals produced by the acceleration acting on the sensor and by the
electrostatic test-force. If the output signals change within the amplitude specified inside
Table 3, than the sensor is working properly and the parameters of the interface chip are
within the defined specification.
Output impedance describes the resistor inside the output stage of each channel. This
resistor is part of a filter consisting of an external capacitor of at least 2.5nF and the internal
resistor. Due to the resistor level, only small inexpensive external capacitors are needed to
generate low corner frequencies. When interfacing with an ADC it is important to use high
input impedance input circuitries to avoid measurement errors. Note that the minimum load
capacitance forms a corner frequency close to the resonance frequency of the sensor. In
general the smallest possible bandwidth for a particular application should be chosen to get
the best results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com