Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331AL Datasheet(PDF) 13 Page - STMicroelectronics

Part # LIS331AL
Description  MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331AL Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LIS331AL Datasheet HTML 8Page - STMicroelectronics LIS331AL Datasheet HTML 9Page - STMicroelectronics LIS331AL Datasheet HTML 10Page - STMicroelectronics LIS331AL Datasheet HTML 11Page - STMicroelectronics LIS331AL Datasheet HTML 12Page - STMicroelectronics LIS331AL Datasheet HTML 13Page - STMicroelectronics LIS331AL Datasheet HTML 14Page - STMicroelectronics LIS331AL Datasheet HTML 15Page - STMicroelectronics LIS331AL Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LIS331AL
Application hints
13/16
4.1
Soldering information
The LGA package is compliant with the ECOPACK®, RoHs and “Green” standard. Pin1
indicator is electrically connected to pin 1. Leave pin 1 indicator unconnected during
soldering.
4.2
Output response vs. orientation
Figure 4.
Output Response vs. Orientation
Figure 4 refers to LIS331AL powered at 3.3V.
100 Hz
50nF
200 Hz
25nF
500 Hz
10nF
Table 6.
Filter capacitor selection, Cload (x,y,z)
Cut-off frequency
Capacitor value
Earth’s Surface
X=1.65V (0g)
Y=1.65V (0g)
Z=1.17V (-1g)
X=1.65V (0g)
Y=1.65V (0g)
Z=2.13V (+1g)
TOP VIEW
X=1.65V (0g)
Y=2.13V (+1g)
X=1.65V (0g)
Y=1.17V (-1g)
X=1.17V (-1g)
Y=1.65V (0g)
X=2.13V (+1g)
Y=1.65V (0g)
Z=1.65V (0g)
Z=1.65V (0g)
Z=1.65V (0g)
Z=1.65V (0g)
Top
Bottom
Top
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com