Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331AL Datasheet(PDF) 14 Page - STMicroelectronics

Part # LIS331AL
Description  MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331AL Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LIS331AL Datasheet HTML 8Page - STMicroelectronics LIS331AL Datasheet HTML 9Page - STMicroelectronics LIS331AL Datasheet HTML 10Page - STMicroelectronics LIS331AL Datasheet HTML 11Page - STMicroelectronics LIS331AL Datasheet HTML 12Page - STMicroelectronics LIS331AL Datasheet HTML 13Page - STMicroelectronics LIS331AL Datasheet HTML 14Page - STMicroelectronics LIS331AL Datasheet HTML 15Page - STMicroelectronics LIS331AL Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package information
LIS331AL
14/16
5
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK® is an ST trademark.
ECOPACK® specifications are available at: www.st.com.
Figure 5.
LGA 16: mechanical data & package dimensions
DIMENSIONS
REF.
mm
inch
MIN. TYP. MAX. MIN. TYP. MAX.
A1
1
0.039
A2
0.800.031
A3
0.20
0.008
D1
2.850
33.150
0.111
0.117
0.123
E1
2.850
33.150
0.111
0.117
0.123
L1
1
0.039
L2
2
0.078
N1
0.50
0.019
N2
1
0.039
T1
0.350
0.013
T2
0.250
0.001
M0.10
0.0039
P1
0.875
0.034
P2
1.275
0.05
k0.05
0.0019
LGA 16 (3x3x1.0mm)
Outline and
7983231E
mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com