Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331AL Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS331AL
Description  MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331AL Datasheet(HTML) 1 Page - STMicroelectronics

  LIS331AL Datasheet HTML 1Page - STMicroelectronics LIS331AL Datasheet HTML 2Page - STMicroelectronics LIS331AL Datasheet HTML 3Page - STMicroelectronics LIS331AL Datasheet HTML 4Page - STMicroelectronics LIS331AL Datasheet HTML 5Page - STMicroelectronics LIS331AL Datasheet HTML 6Page - STMicroelectronics LIS331AL Datasheet HTML 7Page - STMicroelectronics LIS331AL Datasheet HTML 8Page - STMicroelectronics LIS331AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
September 2007
Rev 1
1/16
16
LIS331AL
MEMS inertial sensor:
3-axis - ±2g analog output “nano” accelerometer
Features
■ Single voltage supply operation
■
±2.0g full-scale
■ Output voltage, offset and sensitivity are
ratiometric to the supply voltage
■ Factory trimmed device sensitivity and offset
■ Embedded self test
■ ECOPACK® lead-free compliant
■ High shock survivability (10000g)
Applications
■ Mobile terminals
■ Gaming and virtual reality input devices
■ Antitheft systems and Inertial Navigation
■ Appliance and robotics
Description
The LIS331AL is the smallest consumer low-
power three-axis linear accelerometer that
includes a sensing element and an IC interface
able to take the information from the sensing
element and to provide an analog signal to the
external world.
The sensing element, capable of detecting the
acceleration, is manufactured using a dedicated
process developed by ST to produce inertial
sensors and actuators in silicon.
The IC interface is manufactured using a CMOS
process that allows high level of integration to
design a dedicated circuit which is trimmed to
better match the sensing element characteristics.
The LIS331AL is capable of measuring
accelerations over a maximum bandwidth of
2.0kHz. The device bandwidth may be reduced by
using external capacitances. A self-test capability
allows the user to check the functioning of the
system.
The LIS331AL is available in Land Grid Array
package (LGA) and it is guaranteed to operate
over an extended temperature range of -40°C to
+85°C.
Note:
Tape & Reel parts are compliant to International Standard EIA-481.
LGA 16 (3x3x1.0mm)
Table 1.
Device summary
Order code
Temp range,
° CPackage
Packing
LIS331AL
-40°C to +85°C
LGA-16
Tray
LIS331ALTR
-40°C to +85°C
LGA-16
Tape & Reel
www.st.com


Similar Part No. - LIS331AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
28-Sep-2007
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
647Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
16-Apr-2008
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331DLFTR STMICROELECTRONICS-LIS331DLFTR Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331DLH STMICROELECTRONICS-LIS331DLH Datasheet
691Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
More results

Similar Description - LIS331AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3LV02DQ STMICROELECTRONICS-LIS3LV02DQ Datasheet
379Kb / 42P
MEMS INERTIAL SENSOR 3-Axis - -2g/-6g Digital Output Low Voltage Linear Accelerometer
07-Oct-2005
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
26-Sep-2005
LIS3L06AL STMICROELECTRONICS-LIS3L06AL Datasheet
172Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
28-Sep-2005
LIS2L06AL STMICROELECTRONICS-LIS2L06AL Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
2005-Sep-26
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS2L06AL STMICROELECTRONICS-LIS2L06AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
03-May-2006
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS3L06AL STMICROELECTRONICS-LIS3L06AL_06 Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR-3-axis - /-2g/6g ultracompact linear accelerometer
03-May-2006
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
02-Feb-2010
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
26-Mar-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com