Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8317 Datasheet HTML 1Page - Texas Instruments ADS8317 Datasheet HTML 2Page - Texas Instruments ADS8317 Datasheet HTML 3Page - Texas Instruments ADS8317 Datasheet HTML 4Page - Texas Instruments ADS8317 Datasheet HTML 5Page - Texas Instruments ADS8317 Datasheet HTML 6Page - Texas Instruments ADS8317 Datasheet HTML 7Page - Texas Instruments ADS8317 Datasheet HTML 8Page - Texas Instruments ADS8317 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
ELECTRICAL CHARACTERISTICS: VDD = +5V (continued)
At –40
°C to +85°C, V
REF = +2.5V, –IN = +2.5V, fSAMPLE = 250kHz, and fCLK = 24 × fSAMPLE, unless otherwise noted.
ADS8317I
ADS8317IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
AC ACCURACY
5VPP sinewave at 2kHz
–102
–106
dB
Total harmonic distortion
THD
5VPP sinewave at 10kHz
–100
–104
dB
5VPP sinewave at 2kHz
106
110
dB
Spurious-free dynamic range
SFDR
5VPP sinewave at 10kHz
104
109
dB
5VPP sinewave at 2kHz
89.6
90
dB
Signal-to-noise ratio
SNR
5VPP sinewave at 10kHz
89.6
90
dB
5VPP sinewave at 2kHz
89.5
89.9
dB
Signal-to-noise + distortion
SINAD
5VPP sinewave at 10kHz
89.4
89.8
dB
5VPP sinewave at 2kHz
14.57
14.65
Bits
Effective number of bits
ENOB
5VPP sinewave at 10kHz
14.56
14.63
Bits
VOLTAGE REFERENCE INPUT
Reference voltage
0.5
VDD/2
0.5
VDD/2
V
CS = GND, fSAMPLE = 0Hz
5
5
G
Ω
Reference input resistance
CS = VDD
5
5
G
Ω
Reference input capacitance
24
24
pF
fS = 250kHz
35
52
35
52
μA
fS = 200kHz
25
38
25
38
μA
Reference input current
fS = 100kHz
10
15
10
15
μA
fS = 10kHz
1
2
1
2
μA
CS = VDD
0.1
0.1
μA
DIGITAL INPUTS(1)
Logic family
CMOS
CMOS
High-level input voltage
VIH
0.7
× V
DD
VDD + 0.3
0.7
× V
DD
VDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.3
× V
DD
–0.3
0.3
× V
DD
V
Input current
IIN VI = VDD or GND
–50
+50
–50
+50
nA
Input capacitance
CI
5
5
pF
DIGITAL OUTPUTS(1)
Logic family
CMOS
CMOS
High-level output voltage
VOH VDD = 4.5V, IOH = –100A
4.44
4.44
V
Low-level output voltage
VOL VDD = 4.5V, IOL = 100A
0.5
0.5
V
High-impedance state output
IOZ CS = VDD, VI = VDD or GND
–50
+50
–50
+50
nA
current
Output capacitance
CO
5
5
pF
Load capacitance
CL
30
30
pF
Data format
Binary twos complement
Binary twos complement
(1)
Applies for 5.0V nominal supply: VDD (min) = 4.5V and VDD (max) = 5.5V.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com